Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BYC8D-600127 Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce BYC8D-600127
Description  Hyperfast power diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BYC8D-600127 Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button BYC8D-600127 Datasheet HTML 3Page - NXP Semiconductors BYC8D-600127 Datasheet HTML 4Page - NXP Semiconductors BYC8D-600127 Datasheet HTML 5Page - NXP Semiconductors BYC8D-600127 Datasheet HTML 6Page - NXP Semiconductors BYC8D-600127 Datasheet HTML 7Page - NXP Semiconductors BYC8D-600127 Datasheet HTML 8Page - NXP Semiconductors BYC8D-600127 Datasheet HTML 9Page - NXP Semiconductors BYC8D-600127 Datasheet HTML 10Page - NXP Semiconductors BYC8D-600127 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
BYC8D-600
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 27 December 2010
7 of 11
NXP Semiconductors
BYC8D-600
Hyperfast power diode
7.
Package outline
Fig 7.
Package outline SOD59 (TO-220AC)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOD59
2-lead TO-220AC
sod059_po
09-08-17
09-08-25
Unit
mm
max
nom
min
4.7
4.3
1.40
1.15
1.7
1.3
0.65
0.45
15.8
15.6
6.8
6.4
5.08
(REF)
16.25
15.70
3.7
3.5
A
Dimensions
Note
1. Protruded dambar are included in the dimension.
Plastic single-ended package; heatsink mounted; 1 mounting hole; 2-lead TO-220AC
SOD59
A1
b
0.95
0.70
b1(1)
cD
D1
E
10.30
9.65
eHL
15.0
12.5
PQ
2.6
2.2
q
2.9
2.7
0
5
10 mm
scale
c
A1
A
Q
e
q
H
b1
b
2
1
D1
D
P
E
L


Numéro de pièce similaire - BYC8D-600127

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BYC8D-600 NXP-BYC8D-600 Datasheet
162Kb / 11P
   Hyperfast power diode Reduces switching losses in associated MOSFET
Rev. 01-27 December 2010
logo
WeEn Semiconductors
BYC8D-600 WEEN-BYC8D-600 Datasheet
639Kb / 10P
   Hyperfast power diode
logo
NXP Semiconductors
BYC8D-600 PHILIPS-BYC8D-600_15 Datasheet
162Kb / 11P
   Hyperfast power diode
Rev. 01-27 December 2010
More results

Description similaire - BYC8D-600127

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BYC8D-600 PHILIPS-BYC8D-600_15 Datasheet
162Kb / 11P
   Hyperfast power diode
Rev. 01-27 December 2010
BYC10-600P PHILIPS-BYC10-600P_15 Datasheet
186Kb / 9P
   Hyperfast power diode
10 February 2014
BYC20D-600P PHILIPS-BYC20D-600P_15 Datasheet
186Kb / 9P
   Hyperfast power diode
10 February 2014
BYC20X-600P PHILIPS-BYC20X-600P_15 Datasheet
185Kb / 9P
   Hyperfast power diode
4 February 2013
BYC8-600P PHILIPS-BYC8-600P_15 Datasheet
182Kb / 9P
   Hyperfast power diode
3 January 2014
logo
WeEn Semiconductors
BYC5-1200P WEEN-BYC5-1200P Datasheet
338Kb / 10P
   Hyperfast power diode
BYC5D-500 WEEN-BYC5D-500 Datasheet
434Kb / 12P
   Hyperfast power diode
BYC5DX-500 WEEN-BYC5DX-500 Datasheet
367Kb / 12P
   Hyperfast power diode
BYC8-1200P WEEN-BYC8-1200P Datasheet
339Kb / 10P
   Hyperfast power diode
BYC15X-600P WEEN-BYC15X-600P Datasheet
452Kb / 10P
   Hyperfast power diode
BYC20D-600P WEEN-BYC20D-600P Datasheet
432Kb / 10P
   Hyperfast power diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com