Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAV23 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce BAV23
Description  Dual high-voltage switching diodes
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAV23 Fiches technique(HTML) 4 Page - NXP Semiconductors

  BAV23 Datasheet HTML 1Page - NXP Semiconductors BAV23 Datasheet HTML 2Page - NXP Semiconductors BAV23 Datasheet HTML 3Page - NXP Semiconductors BAV23 Datasheet HTML 4Page - NXP Semiconductors BAV23 Datasheet HTML 5Page - NXP Semiconductors BAV23 Datasheet HTML 6Page - NXP Semiconductors BAV23 Datasheet HTML 7Page - NXP Semiconductors BAV23 Datasheet HTML 8Page - NXP Semiconductors BAV23 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
BAV23_SER_7
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 07 — 19 March 2010
4 of 13
NXP Semiconductors
BAV23 series
Dual high-voltage switching diodes
[1]
Single diode loaded.
[2]
Double diode loaded.
[3]
Tj =25 C prior to surge.
[4]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
7.
Characteristics
[1]
When switched from IF = 10 mA to IR =10mA; RL = 100 ; measured at IR =1mA.
Per device
Ptot
total power dissipation
Tamb  25 C
[4] -250
mW
Tj
junction temperature
-
150
C
Tamb
ambient temperature
65
+150
C
Tstg
storage temperature
65
+150
C
Table 6.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per device
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] -
-
500
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
-
-
360
K/W
Table 8.
Characteristics
Tamb =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VF
forward voltage
IF = 100 mA
--1.0
V
IF = 200 mA
--1.25
V
IR
reverse current
VR = 200 V
-
-
100
nA
VR =200 V; Tj = 150 C
-
-
100
A
Cd
diode capacitance
f = 1 MHz; VR = 0 V
--2
pF
trr
reverse recovery time
[1] --50
ns


Numéro de pièce similaire - BAV23

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BAV23 PHILIPS-BAV23 Datasheet
34Kb / 7P
   General purpose double diode
1996 Sep 17
logo
Dongguan Pingjingsemi T...
BAV23 PJSEMI-BAV23 Datasheet
433Kb / 3P
   Silicon Epitaxial Planar Diodes
logo
Guangdong Kexin Industr...
BAV23 KEXIN-BAV23 Datasheet
41Kb / 2P
   General Purpose Double Diode
logo
Nexperia B.V. All right...
BAV23 NEXPERIA-BAV23 Datasheet
678Kb / 9P
   Dual high-voltage switching diodes
1 April 2023
logo
SeCoS Halbleitertechnol...
BAV23 SECOS-BAV23 Datasheet
393Kb / 2P
   Plastic Encapsulated Schottky Diode
More results

Description similaire - BAV23

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BAV23 PHILIPS-BAV23_15 Datasheet
306Kb / 13P
   Dual high-voltage switching diodes
Rev. 07-19 March 2010
logo
Nexperia B.V. All right...
BAV23A-Q NEXPERIA-BAV23A-Q Datasheet
208Kb / 10P
   Dual high-voltage switching diodes
4 April 2022
BAV23S-Q NEXPERIA-BAV23S-Q Datasheet
206Kb / 10P
   Dual high-voltage switching diodes
2 February 2022
logo
Comchip Technology
ABAV23A-HF COMCHIP-ABAV23A-HF Datasheet
547Kb / 4P
   Dual High-Voltage Switching Diodes
REV:A
logo
Nexperia B.V. All right...
BAV23 NEXPERIA-BAV23 Datasheet
678Kb / 9P
   Dual high-voltage switching diodes
1 April 2023
BAV23C NEXPERIA-BAV23C Datasheet
665Kb / 9P
   Dual high-voltage switching diodes
1 April 2023
logo
NXP Semiconductors
BAV23 NXP-BAV23 Datasheet
306Kb / 13P
   Dual high-voltage switching diodes
Rev. 07-19 March 2010
logo
Nexperia B.V. All right...
BAV23-Q NEXPERIA-BAV23-Q Datasheet
214Kb / 10P
   Dual high-voltage switching diodes
2 February 2022
BAV23C-Q NEXPERIA-BAV23C-Q Datasheet
206Kb / 10P
   Dual high-voltage switching diodes
2 February 2022
BAV23A NEXPERIA-BAV23A Datasheet
665Kb / 9P
   Dual high-voltage switching diodes
1 April 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com