Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAV23S-215 Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce BAV23S-215
Description  Dual high-voltage switching diodes
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAV23S-215 Fiches technique(HTML) 5 Page - NXP Semiconductors

  BAV23S-215 Datasheet HTML 1Page - NXP Semiconductors BAV23S-215 Datasheet HTML 2Page - NXP Semiconductors BAV23S-215 Datasheet HTML 3Page - NXP Semiconductors BAV23S-215 Datasheet HTML 4Page - NXP Semiconductors BAV23S-215 Datasheet HTML 5Page - NXP Semiconductors BAV23S-215 Datasheet HTML 6Page - NXP Semiconductors BAV23S-215 Datasheet HTML 7Page - NXP Semiconductors BAV23S-215 Datasheet HTML 8Page - NXP Semiconductors BAV23S-215 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
BAV23_SER_7
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 07 — 19 March 2010
5 of 13
NXP Semiconductors
BAV23 series
Dual high-voltage switching diodes
(1) Tamb = 150 C
(2) Tamb =85 C
(3) Tamb =25 C
(4) Tamb = 40 C
Based on square wave currents.
Tj =25 C; prior to surge
Fig 1.
Forward current as a function of forward
voltage; typical values
Fig 2.
Non-repetitive peak forward current as a
function of pulse duration; maximum values
(1) Tamb = 150 C
(2) Tamb =85 C
(3) Tamb =25 C
(4) Tamb = 40 C
Fig 3.
Reverse current as a function of reverse voltage; typical values
VF (V)
0
1.6
1.2
0.4
0.8
006aab212
200
400
600
IF
(mA)
0
(1)
(3)
(4)
(2)
mbg703
10
1
102
IFSM
(A)
10−1
tp (μs)
1104
103
10
102
006aab213
102
IR
(
μA)
VR (V)
0
250
200
100
150
50
10
1
10−1
10−2
10−3
10−4
10−5
(4)
(1)
(2)
(3)


Numéro de pièce similaire - BAV23S-215

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BAV23S-13-F DIODES-BAV23S-13-F Datasheet
92Kb / 4P
   SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
BAV23S-13-F DIODES-BAV23S-13-F Datasheet
92Kb / 4P
   SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
BAV23S-13-F DIODES-BAV23S-13-F Datasheet
92Kb / 4P
   SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
logo
Nanjing International G...
BAV23S-400MA-SOT-23 DGNJDZ-BAV23S-400MA-SOT-23 Datasheet
319Kb / 1P
   SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
BAV23S-7-F DIODES-BAV23S-7-F Datasheet
84Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 11 - 2
More results

Description similaire - BAV23S-215

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BAV23 PHILIPS-BAV23_15 Datasheet
306Kb / 13P
   Dual high-voltage switching diodes
Rev. 07-19 March 2010
logo
Nexperia B.V. All right...
BAV23A-Q NEXPERIA-BAV23A-Q Datasheet
208Kb / 10P
   Dual high-voltage switching diodes
4 April 2022
BAV23S-Q NEXPERIA-BAV23S-Q Datasheet
206Kb / 10P
   Dual high-voltage switching diodes
2 February 2022
logo
Comchip Technology
ABAV23A-HF COMCHIP-ABAV23A-HF Datasheet
547Kb / 4P
   Dual High-Voltage Switching Diodes
REV:A
logo
Nexperia B.V. All right...
BAV23 NEXPERIA-BAV23 Datasheet
678Kb / 9P
   Dual high-voltage switching diodes
1 April 2023
BAV23C NEXPERIA-BAV23C Datasheet
665Kb / 9P
   Dual high-voltage switching diodes
1 April 2023
logo
NXP Semiconductors
BAV23 NXP-BAV23 Datasheet
306Kb / 13P
   Dual high-voltage switching diodes
Rev. 07-19 March 2010
logo
Nexperia B.V. All right...
BAV23-Q NEXPERIA-BAV23-Q Datasheet
214Kb / 10P
   Dual high-voltage switching diodes
2 February 2022
BAV23C-Q NEXPERIA-BAV23C-Q Datasheet
206Kb / 10P
   Dual high-voltage switching diodes
2 February 2022
BAV23A NEXPERIA-BAV23A Datasheet
665Kb / 9P
   Dual high-voltage switching diodes
1 April 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com