Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AIC1732 Fiches technique(PDF) 1 Page - Analog Intergrations Corporation

No de pièce AIC1732
Description  800mA Low Dropout Positive Adjustable Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIC [Analog Intergrations Corporation]
Site Internet  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1732 Fiches technique(HTML) 1 Page - Analog Intergrations Corporation

  AIC1732 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1732 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1732 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1732 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1732 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1732 Datasheet HTML 6Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AIC1732
300mA Low Dropout Linear Regulator
Analog Integrations Corporation
4F, 9, Industry E. 9th Rd, Science Based Industrial Park, Hsinchu Taiwan, ROC
www.analog.com.tw
DS-1732-01
TEL: 886-3-5772500
FAX: 886-3-5772510
1
n FEATURES
l
Low Dropout Voltage of 130mV at 100mA
Output Current (5.2V Output Version).
l
Guaranteed 300mA Output Current.
l
Internal 1.3
Ω P-MOSFET Draws no Base
Current.
l
Low Ground Current at 55
µA.
l
2% Accuracy Output Voltage of 3.3V/ 3.4V/
3.5V/ 3.6V/ 3.7V/ 3.8V/ 5.0V/ 5.2V.
l
Input Voltage Range up to 12V.
l
Needs only 1
µF for Stability.
l
Current and Thermal Limiting.
n APPLICATIONS
l
Voltage Regulator for CD-ROM Drivers.
l
Voltage Regulator for LAN Cards.
l
Voltage Regulator for Microprocessor.
l
Wireless Communication Systems.
l
Battery Powered Systems.
n DESCRIPTION
The AIC1732 is a 3-pin low dropout linear
regulator. The superior characteristics of the
AIC1732 include zero base current loss, very
low dropout voltage, and 2% accuracy output
voltage.
Typical
ground
current
remains
approximately
55
µA, from no load to
maximum loading conditions. Dropout voltage
at 100mA output current is exceptionally low:
130mV for the AIC1732-50 and AIC1732-52,
180mV
for
the
AIC1732-33,
AIC1732-34,
AIC1732-35, AIC1732-36, AIC1732-37 and
AIC1732-38.
Output
current
limiting
and
thermal limiting are built in to provide maximal
protection
to
the
AIC1732
against
fault
conditions.
The AIC1732 comes in the popular 3-pin
SOT-89 packages.
n TYPICAL APPLICATION CIRCUIT
+
+
AIC1732
10µF
COUT
VOUT
VOUT
GND
VIN
1µF
C IN
VIN
Low Dropout Linear Regulator


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn