Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4804CDY-T1-GE3 Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SI4804CDY-T1-GE3
Description  Dual N-Channel 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4804CDY-T1-GE3 Fiches technique(HTML) 1 Page - Vishay Siliconix

  SI4804CDY-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI4804CDY-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI4804CDY-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI4804CDY-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI4804CDY-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI4804CDY-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI4804CDY-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Vishay Siliconix
Si4804CDY
New Product
Document Number: 68924
S-82485-Rev. A, 13-Oct-08
www.vishay.com
1
Dual N-Channel 30-V (D-S) MOSFET
FEATURES
Halogen-free
•TrenchFET® Power MOSFET
100 % Rg Tested
100 % UIS Tested
APPLICATIONS
DC/DC
Notebook System Power
Notes:
a. Based on TC = 25 °C.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under Steady State conditions is 120 °C/W.
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
30
0.022 at VGS = 10 V
8
7
0.027 at VGS = 4.5 V
7.9
S1
G1
D2
D1
D1
S2
G2
D2
SO-8
5
6
7
8
Top View
2
3
4
1
Ordering Information: Si4804CDY-T1-GE3 (Lead (Pb)-free and Halogen-free)
N-Channel MOSFET
G1
D1
S1
N-Channel MOSFET
G2
D2
S2
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
8.0
A
TC = 70 °C
7.1
TA = 25 °C
7.1b, c
TA = 70 °C
5.5b, c
Pulsed Drain Current (10 µs Pulse Width)
IDM
30
Source-Drain Current Diode Current
TC = 25 °C
IS
2.4
TA = 25 °C
1.8b, c
Pulsed Source-Drain Current
ISM
30
Single Pulse Avalanche Current
L = 0.1 mH
IAS
10
Single Pulse Avalanche Energy
EAS
5
mJ
Maximum Power Dissipation
TC = 25 °C
PD
3.1
W
TC = 70 °C
2
TA = 25 °C
2b, c
TA = 70 °C
1.28b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 10 s
RthJA
49
62.5
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
32
40
RoHS
COMPLIANT


Numéro de pièce similaire - SI4804CDY-T1-GE3

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
Si4804CDY AD-Si4804CDY Datasheet
853Kb / 32P
   Dual 5 A, 20 V Synchronous Step-Down
REV. 0
Si4804CDY AD-Si4804CDY Datasheet
2Mb / 32P
   Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
More results

Description similaire - SI4804CDY-T1-GE3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com