Moteur de recherche de fiches techniques de composants électroniques |
|
5-1393243-9 Fiches technique(PDF) 2 Page - Tyco Electronics |
|
5-1393243-9 Fiches technique(HTML) 2 Page - Tyco Electronics |
2 / 3 page 05-2011, Rev. 0511 www.te.com © 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 2 SCHRACK General Purpose Relays PCB Relays Power PCB Relay RT2 (Continued) Other Data (continued) Terminal type PCB-THT, plug-in reflow version PCB-THR Mounting distance, AC coil ≥2.5mm Weight 13g Resistance to soldering heat THT, IEC 60068-2-20 RTII 270°C/10s RTIII 260°C/5s Resistance to soldering heat THR reflow soldering (for reflow version) forced gas convection 4) or vapour phase 5) temperature profile according EN61730 Packaging/unit tube/20pcs., box/500pcs. 4) infrared heating not allowed 5) recommended fluid LS/230 Accessories For details see datasheet Accessories Industrial Power Relay RT NOTE: indicated contact ratings and electrical endurance data for direct wiring of relays (according IEC 61810-1); for relays mounted on sockets deratings may apply. Insulation Data Initial dielectric strength between open contacts 1000Vrms between contact and coil 5000Vrms between adjacent contacts 2500Vrms Clearance/creepage between contact and coil ≥10/10mm between adjacent contacts ≥3/4mm Material group of insulation parts IIIa Tracking index of relay base PTI 250V reflow version PTI 175V Other Data Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content refer to the Product Compliance Support Center at www.te.com/customersupport/rohssupportcenter Resistance to heat and fire WG version or reflow version according EN60335, par30 Ambient temperature DC coil -40 to 85°C AC coil -40 to 70°C AgSnO2 contacts -40 to 70°C Category of environmental protection, IEC 61810 standard version RTII - flux proof, RTIII - wash tight reflow version RTII - flux proof Vibration resistance (functional), form A/form B contact, 30 to 300Hz 20g/5g Shock resistance (destructive) 100g PCB layout / terminal assignment Bottom view on solder pins 2 form C (CO) contacts 2 form A (NO) contacts S0418-CA S0163-BJ S0163-BK *) With the recommended PCB hole sizes a grid pattern from 2.5mm to 2.54mm can be used. Dimensions S0272-BA Process conditions for Reflow soldering according to EN61760-1 THT version THR version (reflow solderable) S0272-BRA |
Numéro de pièce similaire - 5-1393243-9 |
|
Description similaire - 5-1393243-9 |