Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AIC1579 Fiches technique(PDF) 3 Page - Analog Intergrations Corporation

No de pièce AIC1579
Description  Step-Down Switching Regulator Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIC [Analog Intergrations Corporation]
Site Internet  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1579 Fiches technique(HTML) 3 Page - Analog Intergrations Corporation

  AIC1579 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1579 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1579 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1579 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1579 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1579 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1579 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1579 Datasheet HTML 8Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AIC1579/L
3
Table 1. Output Voltage Program
VID3
VID2
VID1
VID0
VOUT
1
1
1
1
2.00V
1
1
1
0
2.10V
1
1
0
1
2.20V
1
1
0
0
2.30V
1
0
1
1
2.40V
1
0
1
0
2.50V
1
0
0
1
2.60V
1
0
0
0
2.70V
0
1
1
1
2.80V
0
1
1
0
2.90V
0
1
0
1
3.00V
0
1
0
0
3.10V
0
0
1
1
3.20V
0
0
1
0
3.30V
0
0
0
1
3.40V
0
0
0
0
3.50V
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
CC ....…...………............................…………......................................... 15V
Input, Output, or I/O Voltage ...............………………....……......... GND -0.3V to VCC+0.3V
ESD Classification .............................………….....……..............……......................... Class 2
Recommended Operating Conditions
Supply Voltage, V
CC ....…......................………….......……….................................. 12V
±10%
Ambient Temperature Range .…................................………….……….................. 0
°C~70°C
Junction Temperature Range ....…............……….........…..……......................... 0
°C~ 100°C
Thermal Information
Thermal Resistance,
θJA (Typical, Note 1)
SOIC Package ...............................………………………..……………........…. 100
°C/W
SOIC Package (with 3 in2 of Copper) ……………………………………......….. 90
°C/W
Maximum Junction Temperature (Plastic Package) ……….……..………................... 150
°C
Maximum Storage Temperature Range …………..…………......…….…......... –65
°C~150°C
Maximum Lead Temperature (Soldering 10 Sec) …………………...……......…......... 300
°C
Note 1:
θJA is measured with the component mounted on an evaluation PC board in free air.
TEST CIRCUIT
Refer to TYPICAL APPLICATION CIRCUIT.


Numéro de pièce similaire - AIC1579

FabricantNo de pièceFiches techniqueDescription
logo
Analog Intergrations Co...
AIC1570 AIC-AIC1570 Datasheet
418Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulator with LDO and Linear Controller
AIC1570CS AIC-AIC1570CS Datasheet
418Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulator with LDO and Linear Controller
AIC1571 AIC-AIC1571 Datasheet
462Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
AIC1571CS AIC-AIC1571CS Datasheet
462Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
AIC1573 AIC-AIC1573 Datasheet
316Kb / 19P
   5-bit DAC, Synchronous PWM Power Regulator with Simple PWM Power Regulator, LDO And Linear Controller
More results

Description similaire - AIC1579

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LV5069JA ONSEMI-LV5069JA Datasheet
344Kb / 20P
   Step-down Switching Regulator Controller
March, 2013
logo
Linear Technology
LTC3851-1 LINER-LTC3851-1_15 Datasheet
362Kb / 28P
   Synchronous Step-Down Switching Regulator Controller
LTC3851A-1 LINER-LTC3851A-1_15 Datasheet
436Kb / 30P
   Synchronous Step-Down Switching Regulator Controller
LTC3851A LINER-LTC3851A_15 Datasheet
440Kb / 30P
   Synchronous Step-Down Switching Regulator Controller
LTC3851 LINER-LTC3851 Datasheet
320Kb / 28P
   Synchronous Step-Down Switching Regulator Controller
logo
Rohm
BD9775FV ROHM-BD9775FV Datasheet
434Kb / 6P
   2channel Step-Down Switching Regulator Controller
logo
Linear Technology
LTC3851-1 LINER-LTC3851-1 Datasheet
342Kb / 28P
   Synchronous Step-Down Switching Regulator Controller
LTC3851 LINER-LTC3851_15 Datasheet
335Kb / 28P
   Synchronous Step-Down Switching Regulator Controller
LTC1430A LINER-LTC1430A_15 Datasheet
296Kb / 24P
   High Power Step-Down Switching Regulator Controller
logo
Anaren Microwave
MSK5032 ANAREN-MSK5032 Datasheet
930Kb / 9P
   4.5A,500KHz STEP DOWN SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com