Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

U-126 Fiches technique(PDF) 8 Page - List of Unclassifed Manufacturers

No de pièce U-126
Description  AUDIO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

U-126 Fiches technique(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button U-126 Datasheet HTML 2Page - List of Unclassifed Manufacturers U-126 Datasheet HTML 3Page - List of Unclassifed Manufacturers U-126 Datasheet HTML 4Page - List of Unclassifed Manufacturers U-126 Datasheet HTML 5Page - List of Unclassifed Manufacturers U-126 Datasheet HTML 6Page - List of Unclassifed Manufacturers U-126 Datasheet HTML 7Page - List of Unclassifed Manufacturers U-126 Datasheet HTML 8Page - List of Unclassifed Manufacturers U-126 Datasheet HTML 9Page - List of Unclassifed Manufacturers U-126 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
6-Contact
Standard
6-Contact
Lightweight
GC329
2.01
NA
GC617
1.19
GC617A
0.80
GC283
1.04
GC683S
0.73
Weight In Ounces
6-Contact Lightweight (Conforms to MIL-C-55116)
GC683S
RECEPTACLE
Spring loaded contacts,
solder terminals, mates
with GC329, GC617
& GC617A.
GC617
PLUG
Rigid contacts, solder
terminals,* mates with
GC283, GC328
& GC683S.
GC617A**
PLUG
Rigid contacts, solder
terminals,* mates with
GC283, GC328
& GC683S.
*Also available with
barrel terminals.
**Shell material is
aluminum.
ÿ
.812
.655
1.135
.590/
.580
ÿ
.635/
.625
3 11/16
3/16 OR 1/4
DIA. CABLE
2
Ø.831
OVER
KNURL
3 11/16
3/16 OR 1/4
DIA. CABLE
2
Ø.831
OVER
KNURL
13
13


Html Pages

1  2  3  4  5  6  7  8  9  10