Moteur de recherche de fiches techniques de composants électroniques |
|
U-78U Fiches technique(PDF) 9 Page - List of Unclassifed Manufacturers |
|
U-78U Fiches technique(HTML) 9 Page - List of Unclassifed Manufacturers |
9 / 10 page 14 14 10-Contact Per MIL-C-10544 U-78/U PLUG Non-rigid, spring loaded contacts, solder terminals, mates with U-77/U, U-126/U, U-127/U & U-161/U. U-79/U or GC790 RECEPTACLE Non-rigid, spring loaded contacts, solder terminals, mates with U-77/U, U-127/U & U-161/U. U-126/U RECEPTACLE Rigid contacts, solder terminals, mates with U-78/U. 50∞ 15/ 32 3.0133 A A A A u u u u d d d d iiiio o o o |
Description similaire - U-78U |