Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPCC8105 Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce TPCC8105
Description  Lithium Ion Battery Applications Power Management Switch Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCC8105 Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  TPCC8105 Datasheet HTML 1Page - Toshiba Semiconductor TPCC8105 Datasheet HTML 2Page - Toshiba Semiconductor TPCC8105 Datasheet HTML 3Page - Toshiba Semiconductor TPCC8105 Datasheet HTML 4Page - Toshiba Semiconductor TPCC8105 Datasheet HTML 5Page - Toshiba Semiconductor TPCC8105 Datasheet HTML 6Page - Toshiba Semiconductor TPCC8105 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TPCC8105
2010-09-03
5
−10
−20
0
0
120
−6
VDS
VDD ≈ −24 V
−12
40
−10
0
−20
−30
−30
80
VGS
0
−0.1
0.2
−100
0.6
0.8
VGS = 0 V
−10
−4.5
−3
0.4
−10
100
−0.1
1000
10000
−1
−10
−100
Ciss
Coss
Crss
0
−0.4
−1.2
−80
−40
0
40
80
120
160
−2
160
−40
0
40
80
120
−80
5
0
VGS = −10 V
VGS = −4.5 V
−0.8
−1.6
15
10
−1
1.0
−1
Drain-source voltage VDS (V)
Capacitance – VDS
Drain-source voltage VDS (V)
IDR – VDS
Ambient temperature Ta (°C)
Vth – Ta
Ambient temperature Ta (°C)
RDS(ON) – Ta
Total gate charge Qg (nC)
Dynamic input/output
characteristics
Common source
Ta = 25°C
Pulse test
Common source
VGS = 0 V
f
= 1 MHz
Ta = 25°C
Common source
VDS = −10 V
ID = −0.5 mA
Pulse test
Common source
Pulse test
Common source
ID = −23 A
Ta = 25°C
Pulse test
ID = −5.8, −11.5, −23 A
ID = −5.8, −11.5, −23 A


Numéro de pièce similaire - TPCC8105

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPCC8105 TOSHIBA-TPCC8105 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Description similaire - TPCC8105

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPCA8128 TOSHIBA-TPCA8128 Datasheet
247Kb / 7P
   Lithium Ion Battery Applications Power Management Switch Applications
TPC8125 TOSHIBA-TPC8125 Datasheet
227Kb / 7P
   Lithium Ion Battery Applications Power Management Switch Applications
TPC8126 TOSHIBA-TPC8126 Datasheet
222Kb / 7P
   Lithium Ion Battery Applications Power Management Switch Applications
TPC6113 TOSHIBA-TPC6113 Datasheet
218Kb / 7P
   Lithium Ion Battery Applications Power Management Switch Applications
TPCS8212 TOSHIBA-TPCS8212_07 Datasheet
190Kb / 7P
   Lithium Ion Battery Applications
TPCS8213 TOSHIBA-TPCS8213 Datasheet
208Kb / 7P
   Lithium Ion Battery Applications
TPCS8210 TOSHIBA-TPCS8210_07 Datasheet
197Kb / 7P
   Lithium Ion Battery Applications
TPCS8214 TOSHIBA-TPCS8214_09 Datasheet
236Kb / 7P
   Lithium Ion Battery Applications
TPCS8214 TOSHIBA-TPCS8214 Datasheet
223Kb / 7P
   Lithium Ion Battery Applications
TPCT4201 TOSHIBA-TPCT4201 Datasheet
246Kb / 4P
   LITHIUM ION BATTERY APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com