Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AIC1117A Fiches technique(PDF) 4 Page - Analog Intergrations Corporation

No de pièce AIC1117A
Description  1A Low Dropout Positive Adjustable Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIC [Analog Intergrations Corporation]
Site Internet  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1117A Fiches technique(HTML) 4 Page - Analog Intergrations Corporation

  AIC1117A Datasheet HTML 1Page - Analog Intergrations Corporation AIC1117A Datasheet HTML 2Page - Analog Intergrations Corporation AIC1117A Datasheet HTML 3Page - Analog Intergrations Corporation AIC1117A Datasheet HTML 4Page - Analog Intergrations Corporation AIC1117A Datasheet HTML 5Page - Analog Intergrations Corporation AIC1117A Datasheet HTML 6Page - Analog Intergrations Corporation AIC1117A Datasheet HTML 7Page - Analog Intergrations Corporation AIC1117A Datasheet HTML 8Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AIC1117A
4
n ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Load Regulation
TJ=25°C, IO=10mA ~1A
0
°C≤T
J≤125°C
0.1
0.2
0.3
0.4
%V
OUT
Dropout Voltage
∆V
OUT, ∆VREF =1%
IO=1A
0
°C≤T
J≤125°C
1.3
1.5
V
Current Limit
0
°C≤T
J≤125°C
1
A
Adjusted Pin Current (IADJ)
2.65
≤V
IN≤7V
10mA
≤I
O≤1A
0
°C≤T
J≤125°C
55
120
µA
Adjusted Pin Current Change
(
∆I
ADJ)
2.65
≤V
IN≤7V
10mA
≤I
O≤1A
0
°C≤T
J≤125°C
0.2
5
µA
Temperature Stability
IO=0.5A
0
°C≤T
J≤125°C
0.5
% V
OUT
Minimum Load Current ( Adj. )
0
°C≤T
J≤125°C
5
10
mA
Quiescent Current ( Fixed Version)
0
°C≤T
J≤125°C
10
14
mA
RMS Output Noise (% of VOUT)
10Hz
≤f≤10KHz
0.003
%V
OUT
Ripple Rejection Ratio
120Hz input ripple
COUT=25µF
60
72
dB


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn