Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AIC1117A Fiches technique(PDF) 3 Page - Analog Intergrations Corporation

No de pièce AIC1117A
Description  1A Low Dropout Positive Adjustable Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIC [Analog Intergrations Corporation]
Site Internet  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1117A Fiches technique(HTML) 3 Page - Analog Intergrations Corporation

  AIC1117A Datasheet HTML 1Page - Analog Intergrations Corporation AIC1117A Datasheet HTML 2Page - Analog Intergrations Corporation AIC1117A Datasheet HTML 3Page - Analog Intergrations Corporation AIC1117A Datasheet HTML 4Page - Analog Intergrations Corporation AIC1117A Datasheet HTML 5Page - Analog Intergrations Corporation AIC1117A Datasheet HTML 6Page - Analog Intergrations Corporation AIC1117A Datasheet HTML 7Page - Analog Intergrations Corporation AIC1117A Datasheet HTML 8Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AIC1117A
3
n ABSOLUTE MAXIMUM RATINS
VIN pin to ADJ/GND pin
...........................…… .......…… .......…………… ...................... 7V
Operating Junction Temperature Range
..................……… ...................... 0
°C ~ 125°C
Power Dissipation
…………………………………………………………… .Internally Limited
Thermal Resistance (Junction to Case)
TO-220 ……… ........…… ...………… ... 3
°C /W
TO-263 … ....…… ....……………………. 3
°C /W
SOT-223
… ....…… ..……… ..……… ..15
°C /W
TO-252
…………………………… ..12.5
°C /W
Thermal Resistance (Junction to Ambient) TO-220
… ....…… ....………………… 50
°C/W
(Assume no ambient airflow, no heatsink)
TO-263
… .....…… .....……………… ..60
°C/W
SOT-223
…………………………… ..155
°C/W
TO-252
…………………………… ..100
°C/W
Storage Temperature
Range
...............................………… ................. - 65
°C ~ 150°C
Lead Temperature (Soldering) 10 sec.
.....................……… ............……… ...… .......260
°C
n ELECTRICAL CHARACTERISTICS (V
IN=5V, TJ=25° C, IO=10mA, Unless otherwise
specified)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Reference Voltage
TJ=25°C
0
°C≤T
J≤125°C
2.65V
≤V
IN≤ 7V
10mA
≤I
O≤ 1A
1.238
1.225
1.25
1.25
1.262
1.275
V
Output Voltage
AIC1117A-28, V
IN=5V
AIC1117A-33, V
IN=5V
AIC1117A-50, V
IN=7V
AIC1117A
0
°C≤T
J≤125°C
2.65V
≤V
IN≤ 7V
10mA
≤I
O≤ 1A
2.82
3.26
4.95
0.98V
N
2.85
3.30
5.00
V
N
2.88
3.33
5.05
1.02V
N
V
2.65
≤V
IN≤7V
TJ=25°C
0.015
0.2
Line Regulation
0
°C≤T
J≤125°C
0.035
0.2
%V
OUT


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn