Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AIC1117 Fiches technique(PDF) 7 Page - Analog Intergrations Corporation

No de pièce AIC1117
Description  800mA Low Dropout Positive Adjustable Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIC [Analog Intergrations Corporation]
Site Internet  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1117 Fiches technique(HTML) 7 Page - Analog Intergrations Corporation

  AIC1117 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1117 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1117 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1117 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1117 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1117 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1117 Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
AIC1117
7
l TO-263 (unit: mm)
SYMBOL
MIN
MAX
A
4.06
4.83
b
0.50
1.00
b2
1.14
1.40
C
-
0.7
c2
1.14
1.40
D
8.63
9.66
E
9.65
10.29
e
2.54 (TYP.)
L
14.60
15.88
L1
2.28
2.80
E
L
A
C
L1
e
D
b2
b
C2
L2
L2
-
1.40


Numéro de pièce similaire - AIC1117

FabricantNo de pièceFiches techniqueDescription
logo
Analog Intergrations Co...
AIC1117 AIC-AIC1117 Datasheet
260Kb / 12P
   800mA Low Dropout Positive Regulator
AIC1117-18 AIC-AIC1117-18 Datasheet
260Kb / 12P
   800mA Low Dropout Positive Regulator
AIC1117-25 AIC-AIC1117-25 Datasheet
260Kb / 12P
   800mA Low Dropout Positive Regulator
AIC1117-33 AIC-AIC1117-33 Datasheet
260Kb / 12P
   800mA Low Dropout Positive Regulator
AIC1117A AIC-AIC1117A Datasheet
136Kb / 8P
   1A Low Dropout Positive Adjustable Regulator
More results

Description similaire - AIC1117

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRU1117 IRF-IRU1117 Datasheet
68Kb / 10P
   800mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Vishay Siliconix
74802 VISHAY-74802 Datasheet
81Kb / 6P
   800mA Low Dropout Positive Adjustable Regulator
20-Feb-02
logo
Analog Intergrations Co...
AIC1732 AIC-AIC1732 Datasheet
98Kb / 6P
   800mA Low Dropout Positive Adjustable Regulator
AIC1117 AIC-AIC1117_15 Datasheet
260Kb / 12P
   800mA Low Dropout Positive Regulator
logo
Global Mixed-mode Techn...
G958 GMT-G958 Datasheet
149Kb / 7P
   800mA Adjustable Low-Dropout Linear Regulator
logo
Taiwan Semiconductor Co...
TS1117 TSC-TS1117 Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117I TSC-TS1117I Datasheet
162Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117B TSC-TS1117B Datasheet
152Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117S TSC-TS1117S Datasheet
362Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
logo
Anpec Electronics Corop...
APL1087 ANPEC-APL1087_08 Datasheet
360Kb / 16P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com