Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AIC1117 Fiches technique(PDF) 3 Page - Analog Intergrations Corporation

No de pièce AIC1117
Description  800mA Low Dropout Positive Adjustable Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIC [Analog Intergrations Corporation]
Site Internet  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1117 Fiches technique(HTML) 3 Page - Analog Intergrations Corporation

  AIC1117 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1117 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1117 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1117 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1117 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1117 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1117 Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AIC1117
3
n ELECTRICAL CHARACTERISTICS (V
IN=5V, T J=25°C, IO=10mA, Unless otherwise
specified)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Reference Voltage
AIC1117 (Adj.)
TJ=25°C
0
°C≤T
J≤125°C
1.238
1.225
1.25
1.25
1.262
1.275
V
Output Voltage
AIC1117-28, V
IN=5V
AIC1117-33, V
IN=5V
AIC1117-50, V
IN=7V
2.82
3.26
4.95
2.85
3.30
5.00
2.88
3.33
5.05
V
2.65
≤V
IN≤7V
TJ=25°C
0.015
0.2
Line Regulation
0
°C≤T
J≤125°C
0.035
0.2
%
Load Regulation
TJ=25°C, IO=10~800mA
0
°C≤T
J≤125°C
0.1
0.2
0.3
0.4
%
Dropout Voltage
∆V
OUT, ∆VREF =1%
10mA
≤I
O≤800mA
0
°C≤T
J≤125°C
1.2
1.4
V
Current Limit
0
°C≤T
J≤125°C
0.85
A
Adjusted Pin Current (IADJ)
2.65
≤V
IN≤7V
10mA
≤I
O≤ 800mA
0
°C≤T
J≤125°C
55
120
µA
Adjusted Pin Current Change
(
∆I
ADJ)
2.65
≤V
IN≤7V
10mA
≤I
O≤800mA
0
°C≤T
J≤125°C
0.2
5
µA
Temperature Stability
IO=0.5A
0
°C≤T
J≤125°C
0.5
%
Minimum Load Current
0
°C≤T
J≤125°C
5
10
mA
RMS Output Noise (% of VOUT)
10Hz
≤f≤10KHz
0.003
%
Ripple Rejection Ratio
120Hz input ripple
COUT=25µF
60
72
dB


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn