Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AIC1085 Fiches technique(PDF) 5 Page - Analog Intergrations Corporation

No de pièce AIC1085
Description  3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIC [Analog Intergrations Corporation]
Site Internet  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1085 Fiches technique(HTML) 5 Page - Analog Intergrations Corporation

  AIC1085 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1085 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1085 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1085 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1085 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1085 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1085 Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AIC1085
3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
SPEC NO: DS-1085-01 FEB 02, 01
ANALOG INTEGRATIONS CORPORATION
www.analog.com.tw
4F, 9 Industry E. 9th Road, Science-based IndustrialPark,Hsinchu,Taiwan, R.O.C.
TEL: (8863)577-2500
FAX:(8863)577-2510
5
n TYPICAL PERFORMANCE CHARACTERISTICS
Load Transient Response
Time ( µS)
0
40
80
120
160
200
0.1A
1.5A
-0.1
-0.05
0
0.05
0.1
VIN=5V
CIN=1µF
COUT=10 µF (Tantalum)
VOUT=3.3V
Line Transient Response
Time (µS)
0
10
20
30
40
50
6.0
7.0
--100
--50
0
50
COUT=10 µF (Tantalum)
VOUT=3.3V
Dropout Voltage (VOUT=3.3V)
Output Current (A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
1.06
1.08
1.10
1.12
1.14
1.16
1.18
1.20
1.22
Minimum Operating Current
Differential Voltage (V)
0
1
2
3
4
5
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn