Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AIC1085 Fiches technique(PDF) 4 Page - Analog Intergrations Corporation

No de pièce AIC1085
Description  3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIC [Analog Intergrations Corporation]
Site Internet  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1085 Fiches technique(HTML) 4 Page - Analog Intergrations Corporation

  AIC1085 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1085 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1085 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1085 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1085 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1085 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1085 Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AIC1085
3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
SPEC NO: DS-1085-01 FEB 02, 01
ANALOG INTEGRATIONS CORPORATION
www.analog.com.tw
4F, 9 Industry E. 9th Road, Science-based IndustrialPark,Hsinchu,Taiwan, R.O.C.
TEL: (8863)577-2500
FAX:(8863)577-2510
4
n BLOCK DIAGRAM
VIN
55
µA
ADJ
VREF
1.25V
-
+
GM
+
Thermal
Limit
Current Amp.
VOUT
GND
For fixed voltage
device
Current
Limit
n PIN DESCRIPTIONS
ADJ PIN
-
Providing
VREF=1.25V (typ.)
for
adjustable
VOUT.
VREF=VOUT-VADJ
and IADJ=55µA (typ.)
(GND PIN -
Power Ground.)
VOUT PIN -
Adjustable output voltage.
VIN PIN
-
Power Input.


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn