Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AIC1085 Fiches technique(PDF) 3 Page - Analog Intergrations Corporation

No de pièce AIC1085
Description  3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIC [Analog Intergrations Corporation]
Site Internet  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1085 Fiches technique(HTML) 3 Page - Analog Intergrations Corporation

  AIC1085 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1085 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1085 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1085 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1085 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1085 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1085 Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AIC1085
3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
SPEC NO: DS-1085-01 FEB 02, 01
ANALOG INTEGRATIONS CORPORATION
www.analog.com.tw
4F, 9 Industry E. 9th Road, Science-based IndustrialPark,Hsinchu,Taiwan, R.O.C.
TEL: (8863)577-2500
FAX:(8863)577-2510
3
n ELECTRICAL CHARACTERISTICS (V
IN=5V, TA=25° C, IO=10mA, Unless otherwise
specified)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Reference Voltage (VOUT -VADJ)
AIC1085 (Adj.)
TA=25°C
1.238
1.25
1.262
V
Output Voltage
AIC1085-15 V
IN=5V
AIC1085-18 V
IN=5V
AIC1085-33 V
IN=5V
1.48
1.78
3.26
1.50
1.80
3.30
1.52
1.82
3.34
V
Line Regulation
Adj : 2.75V
≤ V
IN ≤5.25V
%
Fix : VOUT+1V≤ VIN ≤7V
T
A=25° C
0.015
0.2
Load Regulation
10mA < IO < 3A
TA=25°C
0.6
%
Dropout Voltage
∆V
OUT, ∆VREF =1%
10mA
≤ I
O ≤3A
0
°C ≤T
J ≤125°C
1.3
1.4
V
Current Limit
VIN = 5V
0
°C ≤T
J ≤125° C
3
4
A
Adjusted Pin Current (IADJ)
2.75V
≤ V
IN ≤ 7V
55
120
µA
Adjusted Pin Current Change
(
∆I
ADJ)
2.75V
≤ V
IN ≤ 7V
0
°C ≤T
J≤125° C
0.2
5
µA
Temperature Stability
IO=0.5A
0
°C ≤T
J≤ 125° C
0.5
%
Minimum Load Current
0
°C ≤T
J ≤125°C
5
10
mA
RMS Output Noise (% of VOUT)
10Hz
f 10KHz
0.003
%
Ripple Rejection Ratio
120Hz input ripple
COUT=25µF
(VIN-VOUT)=3V
60
72
dB


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn