Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AIC1084 Fiches technique(PDF) 3 Page - Analog Intergrations Corporation

No de pièce AIC1084
Description  5A Low Dropout Positive Adjustable Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIC [Analog Intergrations Corporation]
Site Internet  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1084 Fiches technique(HTML) 3 Page - Analog Intergrations Corporation

  AIC1084 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1084 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1084 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1084 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1084 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1084 Datasheet HTML 6Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AIC1084
3
n TEST CIRCUIT
Refer to TYPICAL APPLICATION CIRCUIT.
n ELECTRICAL CHARACTERISTICS (V
IN=5V, TJ=25°C, IO=10mA, Unless otherwise
specified)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Reference Voltage
AIC1084 (ADJ)
TJ=25°C
1.238
1.25
1.262
V
Output Voltage
AIC1084-15 VIN=5V
AIC1084-18 VIN=5V
AIC1084-33 VIN=5V
1.48
1.78
3.26
1.50
1.80
3.30
1.52
1.82
3.34
V
Line Regulation
ADJ : 2.65V
≤ V
IN ≤7V
VOUT=1.25V
Fix : VOUT+1.4V≤ VIN ≤7V
TJ=25°C
0.015
0.2
%
Load Regulation
10mA < IO < 5A
TJ=25°C
0.6
%
Dropout Voltage
∆V
OUT, ∆VREF =1%
10mA
≤ I
O ≤ 5A
0
°C ≤T
J ≤ 125°C
1.3
1.4
V
Current Limit
0
°C ≤ T
J ≤125°C
5
6
A
Adjusted Pin Current
2.65V
≤ V
IN ≤ 7V
55
120
µA
Adjusted Pin Current Change
(
∆I
ADJ)
2.65V
≤ V
IN ≤ 7V
0
°C ≤T
J ≤125°C
0.2
5
µA
Temperature Stability
IO=0.5A
0
°C ≤T
J ≤125°C
0.5
%
Minimum Load Current
0
°C ≤T
J ≤125°C
5
10
mA
RMS Output Noise (% of V
OUT)
10Hz
≤ f ≤ 10KHz
0.003
%
Ripple Rejection Ratio
120Hz input ripple
C
OUT=25 µF
(VIN -VOUT)=3V
60
72
dB


Html Pages

1  2  3  4  5  6