Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NZT6726 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce NZT6726
Description  PNP General Purpose Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NZT6726 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  NZT6726 Datasheet HTML 1Page - Fairchild Semiconductor NZT6726 Datasheet HTML 2Page - Fairchild Semiconductor NZT6726 Datasheet HTML 3Page - Fairchild Semiconductor NZT6726 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Max
Units
ON CHARACTERISTICS*
SMALL SIGNAL CHARACTERISTICS
*Pulse Test: Pulse Width ≤≤≤≤≤ 300 µµµµµs, Duty Cycle ≤≤≤≤≤ 1.0%
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC = 10 mA, IB = 030V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 100
µA, I
E = 0
40
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 100
µA, I
C = 0
5.0
V
ICBO
Collector-Cutoff Current
VCB = 40 V, IE = 0
0.1
µA
IEBO
Emitter-Cutoff Current
VEB = 5.0 V, IC = 0
0.1
µA
hFE
DC Current Gain
IC = 100 mA, VCE = 1.0 V
IC = 1.0 A, VCE = 1.0 V
60
50
250
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 1.0 A, IB = 100 mA
0.5
V
VBE(on)
Base-Emitter On Voltage
IC = 1.0 A, VCE = 1.0 V
1.2
V
hfe
Small-Signal Current Gain
IC = 50 mA, VCE = 10 V,
f = 20 MHz
2.5
25
Ccb
Collector-Base Capacitance
VCB = 10 V, IE = 0, f = 1.0 MHz
30
pF
DC Typical Characteristics
Collector-Emitter Saturation
Voltage vs Collector Current
P
0.01
0.1
1
3
0
0.2
0.4
0.6
0.8
1
I
- COLLECTOR CURRENT (A)
- 40 ºC
25 °C
C
ββ = 10
125 °C
Typical Pulsed Current Gain
vs Collector Current
0.01
0.1
1
2
0
50
100
150
200
250
300
I
- COLLECTOR CURRENT (A)
- 40 ºC
25 °C
C
V
= 5V
CE
125 °C
PNP General Purpose Amplifier
(continued)


Numéro de pièce similaire - NZT6726

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
NZT6726 FAIRCHILD-NZT6726 Datasheet
609Kb / 12P
   PNP General Purpose Amplifier
More results

Description similaire - NZT6726

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com