Moteur de recherche de fiches techniques de composants électroniques |
|
2SC2884-Y Fiches technique(PDF) 3 Page - Toshiba Semiconductor |
|
2SC2884-Y Fiches technique(HTML) 3 Page - Toshiba Semiconductor |
3 / 4 page 2SC2884 2009-12-21 3 Ambient temperature Ta (°C) PC – Ta 0 0.2 0.4 0.6 1.0 0 0.8 20 40 60 80 100 120 140 160 1.2 (1) (2) (1) Mounted on a ceramic substrate (250 mm 2 × 0.8 t) (2) No heat sink Collector-emitter voltage VCE (V) IC – VCE hFE – IC Collector current IC (mA) VCE (sat) – IC Base-emitter voltage VBE (V) IC – VBE Collector-emitter voltage VCE (V) Safe Operating Area 7 6 3 1 0 0 200 600 800 1000 2 IB = 1 mA Common emitter Ta = 25°C 3 4 0 400 2 4 5 7 8 6 1.6 1.2 0.8 0.4 0 0 200 400 600 800 Common emitter VCE = 1 V Ta = 100°C 0 −25 25 500 3 10 50 3000 1000 300 100 30 5 0.3 3 1 10 100 30 300 DC operation Ta = 25°C IC max (pulse)* IC max (continuous) 100 ms* 1 ms* *: Single nonrepetitive pulse Ta = 25°C Curves must be derated linearly with increase in temperature. Tested without a substrate. VCEO max 10 ms* Collector current IC (mA) 1000 500 300 100 50 30 1 3 10 30 10 100 300 1000 Common emitter VCE = 1 V −25 25 Ta = 100°C 1 1 3 10 30 0.5 0.3 0.1 0.05 0.03 0.01 100 300 1000 −25 25 Ta = 100°C Common emitter IC/IB = 25 |
Numéro de pièce similaire - 2SC2884-Y |
|
Description similaire - 2SC2884-Y |