Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7842KBCZ-5P Fiches technique(PDF) 3 Page - Analog Devices

No de pièce ADV7842KBCZ-5P
Description  Dual HDMI Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics igitizer and 3D Comb Filter Decoder
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7842KBCZ-5P Fiches technique(HTML) 3 Page - Analog Devices

  ADV7842KBCZ-5P Datasheet HTML 1Page - Analog Devices ADV7842KBCZ-5P Datasheet HTML 2Page - Analog Devices ADV7842KBCZ-5P Datasheet HTML 3Page - Analog Devices ADV7842KBCZ-5P Datasheet HTML 4Page - Analog Devices ADV7842KBCZ-5P Datasheet HTML 5Page - Analog Devices ADV7842KBCZ-5P Datasheet HTML 6Page - Analog Devices ADV7842KBCZ-5P Datasheet HTML 7Page - Analog Devices ADV7842KBCZ-5P Datasheet HTML 8Page - Analog Devices ADV7842KBCZ-5P Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ADV7842
Rev. B | Page 3 of 28
GENERAL DESCRIPTION
The ADV7842 is a high quality, single-chip, 2:1 multiplexed
HDMI™ receiver and graphics digitizer with an integrated
multiformat video decoder.
The ADV7842 incorporates a dual input HDMI 1.4-compatible
receiver that supports all HDTV formats up to 1080p and
display resolutions up to UXGA (1600 × 1200 at 60 Hz).
The ADV7842 incorporates Xpressview™ fast switching on both
input HDMI ports. Using the Analog Devices, Inc., hardware-
based HDCP engine that minimizes software overhead,
Xpressview technology allows fast switching between any
HDMI input ports in less than 1 second.
The ADV7842 supports all mandatory HDMI 1.4 3D TV formats
in addition to all HDTV formats up to 1080p, 36-bit Deep Color.
The ADV7842 also integrates an HDMI v1.4 CEC controller
that supports the capability discovery and control (CDC)
feature.
The ADV7842 offers a flexible audio output port for the audio
data decoded from the HDMI stream. HDMI audio formats,
including super audio CD (SACD) via DSD and HBR are
supported.
Each HDMI port has dedicated 5 V detect and hot plug assert
pins. The HDMI receiver also includes an integrated equalizer
that ensures robust operation of the interface with cable lengths
up to 30 meters. The HDMI receiver has advanced audio
functionality, such as a mute controller, that prevents audible
extraneous noise in the audio output.
The multiformat 3D comb filter decoder supports the conversion
of PAL, NTSC, and SECAM standards in the form of a composite
or an S-Video input signal into a digital ITU-R BT.656 format.
SCART and overlay functionality are enabled by the ability of the
ADV7842 to process CVBS and standard definition RGB signals
simultaneously.
The ADV7842 contains one main component processor (CP)
that processes YPbPr and RGB component formats, including
RGB graphics. The CP also processes the video signals from the
HDMI receiver. The ADV7842 can operate in dual HDMI and
analog input mode, thus allowing for fast switching between the
ADCs and HDMI.
The ADV7842 supports the decoding of a component RGB/
YPbPr video signal into a digital YCbCr or RGB pixel output
stream. The support for component video includes 525i, 625i,
525p, 625p, 720p, 1080i, 1080p, and 1250i standards, as well as
many other SMPTE and HD standards.
The ADV7842 supports graphics digitization. The ADV7842 is
capable of digitizing RGB graphics signals from VGA to UXGA
rates and converting them into a digital RGB or YCbCr pixel
output stream. Internal EDID is available for one graphic port.
Fabricated in an advanced CMOS process, the ADV7842 is
provided in a 17 mm × 17 mm, 256-ball, BGA, surface-mount,
RoHS-compliant package and is specified over the −10°C to
+70°C temperature range.


Numéro de pièce similaire - ADV7842KBCZ-5P

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7842KBCZ-5P AD-ADV7842KBCZ-5P Datasheet
394Kb / 28P
   Dual HDMI Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics Digitizer and 3D Comb Filter Decoder
Rev. B
More results

Description similaire - ADV7842KBCZ-5P

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7842KBCZ-5P AD-ADV7842KBCZ-5P Datasheet
394Kb / 28P
   Dual HDMI Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics Digitizer and 3D Comb Filter Decoder
Rev. B
ADV7842 AD-ADV7842 Datasheet
77Kb / 2P
   Dual HDMI 1.4 Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics Digitizer and 3D Comb Filter Decoder
Rev. Sp0
ADV7844 AD-ADV7844 Datasheet
76Kb / 2P
   Quad HDMI 1.4 Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics Digitizer and 3D Comb Filter Decoder
Rev. Sp0
ADV7840 AD-ADV7840 Datasheet
72Kb / 2P
   12-Bit, 170 MHz Video and Graphics Digitizer with 3D Comb Filter Decoder and Quad HDMI 1.3 Receiver
Rev. SpA
ADV7604 AD-ADV7604 Datasheet
80Kb / 2P
   12-Bit, 170 MHz, Video and Graphics Digitizer with Quad HDMI Receiver
Rev. SpC
ADV7604 AD-ADV7604_13 Datasheet
354Kb / 20P
   12-Bit, 170 MHz, Video and Graphics Digitizer with Quad HDMI Receiver
logo
Toshiba Semiconductor
TC90A92AFG TOSHIBA-TC90A92AFG Datasheet
466Kb / 34P
   3D comb and Video Decoder
logo
Analog Devices
ADV7482 AD-ADV7482 Datasheet
372Kb / 20P
   Integrated Video Decoder and HDMI Receiver
logo
Zoran Corporation
CVD2 ZORAN-CVD2 Datasheet
225Kb / 2P
   3D Comb Filter NTSC/PAL/SECAM Video Decoder
logo
Analog Devices
ADV7481 AD-ADV7481 Datasheet
404Kb / 22P
   Integrated Video Decoder and Dual Mode HDMI/MHL Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com