Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7851AR-REEL Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD7851AR-REEL
Description  14-Bit 333 kSPS Serial A/D Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7851AR-REEL Fiches technique(HTML) 4 Page - Analog Devices

  AD7851AR-REEL Datasheet HTML 1Page - Analog Devices AD7851AR-REEL Datasheet HTML 2Page - Analog Devices AD7851AR-REEL Datasheet HTML 3Page - Analog Devices AD7851AR-REEL Datasheet HTML 4Page - Analog Devices AD7851AR-REEL Datasheet HTML 5Page - Analog Devices AD7851AR-REEL Datasheet HTML 6Page - Analog Devices AD7851AR-REEL Datasheet HTML 7Page - Analog Devices AD7851AR-REEL Datasheet HTML 8Page - Analog Devices AD7851AR-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
AD7851
–4–
REV. B
Parameter
Version A
1
Version K
1
Unit
Test Conditions/Comments
POWER PERFORMANCE
AVDD, DVDD
4.75/5.25
4.75/5.25
V min/max
IDD
Normal Mode
4
17
17
mA max
AVDD = DVDD = 4.75 V to 5.25 V. Typically
12 mA.
Sleep Mode
5
With External Clock On
20
20
µA typ
Full Power-Down. Power management bits
in control register set as PMGT1 = 1, PMGT0 = 0.
600
600
µA typ
Partial Power-Down. Power management bits in
control register set as PMGT1 = 1, PMGT0 = 1.
With External Clock Off
10
10
µA max
Typically 1
µA. Full Power-Down. Power
management bits in control register set as
PMGT1 = 1, PMGT0 = 0.
300
300
µA typ
Partial Power-Down. Power management bits in
control register set as PMGT1 = 1, PMGT0 = 1.
Normal Mode Power Dissipation
89.25
89.25
mW max
VDD = 5.25 V: Typically 63 mW; SLEEP = VDD.
Sleep Mode Power Dissipation
With External Clock On
105
105
µW typ
VDD = 5.25 V; SLEEP = 0 V.
With External Clock Off
52.5
52.5
µW max
VDD = 5.25 V; Typically 5.25
µW; SLEEP = 0 V.
SYSTEM CALIBRATION
Offset Calibration Span
6
+0.05
× V
REF/–0.05
× V
REF
V max/min
Allowable Offset Voltage Span for Calibration.
Gain Calibration Span
6
+1.025
× V
REF/–0.975
× V
REF
V max/min
Allowable Full-Scale Voltage Span for Calibration.
NOTES
1Temperature ranges as follows: A Version, –40
°C to +125°C; K Version, 0°C to 125°C.
2Specifications apply after calibration.
3SNR calculation includes distortion and noise components.
4All digital inputs at DGND except for
CONVST, SLEEP, CAL, and SYNC at DV
DD. No load on the digital outputs. Analog inputs at AGND.
5CLKIN at DGND when external clock off. All digital inputs at DGND except for
CONVST, SLEEP, CAL, and SYNC at DV
DD. No load on the digital outputs.
Analog inputs at AGND.
6The offset and gain calibration spans are defined as the range of offset and gain errors that the AD7851 can calibrate. Note also that these are voltage spans and are
not absolute voltages (i.e., the allowable system offset voltage presented at AIN(+) for the system offset error to be adjusted out will be AIN(–)
± 0.05 × V
REF, and the
allowable system full-scale voltage applied between AIN(+) and AIN(–) for the system full-scale voltage error to be adjusted out will be VREF
± 0.025 × V
REF). This is
explained in more detail in the Calibration section of the data sheet.
Specifications subject to change without notice.


Numéro de pièce similaire - AD7851AR-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7851AR-REEL AD-AD7851AR-REEL Datasheet
431Kb / 37P
   14-Bit 333 kSPS Serial A/D Converter
More results

Description similaire - AD7851AR-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7851 AD-AD7851 Datasheet
435Kb / 36P
   14-Bit 333 kSPS Serial A/D Converter
REV. A
AD7851 AD-AD7851_15 Datasheet
366Kb / 36P
   14-Bit 333 kSPS Serial A/D Converter
REV. B
AD7851 AD-AD7851_17 Datasheet
431Kb / 37P
   14-Bit 333 kSPS Serial A/D Converter
logo
National Semiconductor ...
ADC141S626 NSC-ADC141S626 Datasheet
519Kb / 20P
   14-Bit, 50 kSPS to 250 kSPS, Differential Input, Micro Power A/D Converter
logo
Texas Instruments
ADC141S625 TI1-ADC141S625_14 Datasheet
1Mb / 27P
[Old version datasheet]   14-Bit, 50 kSPS to 250 kSPS, Differential Input, Micro Power A/D Converter
logo
Analog Devices
5962-9316401MXA AD-5962-9316401MXA Datasheet
258Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674 AD-AD1674 Datasheet
255Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674BRZ AD-AD1674BRZ Datasheet
166Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674 AD-AD1674_15 Datasheet
258Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674 AD-AD1674_17 Datasheet
289Kb / 13P
   12-Bit 100 kSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com