Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5232BRUZ10 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD5232BRUZ10
Description  Nonvolatile Memory,Dual 256-Position Digital Potentiometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5232BRUZ10 Fiches technique(HTML) 4 Page - Analog Devices

  AD5232BRUZ10 Datasheet HTML 1Page - Analog Devices AD5232BRUZ10 Datasheet HTML 2Page - Analog Devices AD5232BRUZ10 Datasheet HTML 3Page - Analog Devices AD5232BRUZ10 Datasheet HTML 4Page - Analog Devices AD5232BRUZ10 Datasheet HTML 5Page - Analog Devices AD5232BRUZ10 Datasheet HTML 6Page - Analog Devices AD5232BRUZ10 Datasheet HTML 7Page - Analog Devices AD5232BRUZ10 Datasheet HTML 8Page - Analog Devices AD5232BRUZ10 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD5232
Data Sheet
Rev. C | Page 4 of 24
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DYNAMIC CHARACTERISTICS5, 9
Bandwidth
−3 dB, BW_10kΩ, R = 10 kΩ
500
kHz
Total Harmonic Distortion
THDw
VA = 1 V rms, VB = 0 V, f = 1 kHz, RAB = 10 kΩ
0.022
%
VA = 1 V rms, VB = 0 V, f = 1 kHz, RAB = 50 kΩ, 100 kΩ
0.045
%
VW Settling Time
tS
VDD = 5 V, VSS = 0 V, VA = VDD, VB = 0 V,
0.65/3/6
µs
VW = 0.50% error band, Code 0x00 to Code 0x80
for RAB = 10 kΩ/50 kΩ/100 kΩ
Resistor Noise Voltage
eN_WB
RWB = 5 kΩ, f= 1 kHz
9
nV/√Hz
Crosstalk (CW1/CW2)
CT
VA = VDD, VB = 0 V, measure VW with
−5
nV-sec
adjacent VR making full-scale code change
Analog Crosstalk (CW1/CW2)
CTA
VA1 = VDD, VB1 = 0 V, measure VW1 with VW2 =
−70
dB
5 V p-p @ f = 10 kHz; Code1 = 0x80; Code2 = 0xFF
FLASH/EE MEMORY RELIABILITY
Endurance10
100
kCycles
Data Retention11
100
Years
1
Typical parameters represent average readings at 25°C and VDD = 5 V.
2
Resistor position nonlinearity (R-INL) error is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper
positions. R-DNL measures the relative step change from ideal between successive tap positions. Parts are guaranteed monotonic. IW ~ 50 µA @ VDD = 2.7 V and IW ~
400 µA @ VDD = 5 V for the RAB = 10 kΩ version, IW ~ 50 µA for the RAB = 50 kΩ version, and IW ~ 25 µA for the RAB = 100 kΩ version (see Figure 22).
3
INL and DNL are measured at VW with the RDACx configured as a potentiometer divider similar to a voltage output digital-to-analog converter. VA = VDD and VB = VSS.
DNL specification limits of ±1 LSB maximum are guaranteed monotonic operating conditions (see Figure 23).
4
The A, B, and W resistor terminals have no limitations on polarity with respect to each other. Dual supply operation enables ground-referenced bipolar signal
adjustment.
5
Guaranteed by design; not subject to production test.
6
Common-mode leakage current is a measure of the dc leakage from any A, B, or W terminal to a common-mode bias level of VDD/2.
7
Transfer (XFR) mode current is not continuous. Current is consumed while the EEMEMx locations are read and transferred to the RDACx register (see Figure 13).
8
PDISS is calculated from (IDD × VDD) + (ISS × VSS).
9
All dynamic characteristics use VDD = +2.5 V and VSS = −2.5 V, unless otherwise noted.
10
Endurance is qualified to 100,000 cycles per JEDEC Std. 22, Method A117 and measured at −40°C, +25°C, and +85°C. Typical endurance at +25°C is 700,000 cycles.
11
The retention lifetime equivalent at junction temperature (TJ) = 55°C, as per JEDEC Std. 22, Method A117. Retention lifetime, based on an activation energy of 0.6 eV,
derates with junction temperature as shown in Figure 44 in the Flash/EEMEM Reliability section. The AD5232 contains 9,646 transistors. Die size = 69 mil × 115 mil,
7,993 sq. mil.


Numéro de pièce similaire - AD5232BRUZ10

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5232BRUZ10 AD-AD5232BRUZ10 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5232BRUZ100 AD-AD5232BRUZ100 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5232BRUZ100-RL7 AD-AD5232BRUZ100-RL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
More results

Description similaire - AD5232BRUZ10

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5232 AD-AD5232_15 Datasheet
867Kb / 24P
   Nonvolatile Memory, Dual 256-Position Digital Potentiometer
REV. B
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5235-EP AD-AD5235-EP Datasheet
376Kb / 16P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5259 AD-AD5259 Datasheet
245Kb / 14P
   Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
Rev. PrJ 7/22/04
AD5122 AD-AD5122_17 Datasheet
751Kb / 32P
   Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
AD5122A AD-AD5122A_17 Datasheet
768Kb / 32P
   Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5259 AD-AD5259_15 Datasheet
606Kb / 24P
   Nonvolatile, IC-Compatible 256-Position, Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com