Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD5024BRUZ-REEL7 Fiches technique(PDF) 16 Page - Analog Devices

No de pièce AD5024BRUZ-REEL7
Description  Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5024BRUZ-REEL7 Fiches technique(HTML) 16 Page - Analog Devices

Back Button AD5024BRUZ-REEL7 Datasheet HTML 12Page - Analog Devices AD5024BRUZ-REEL7 Datasheet HTML 13Page - Analog Devices AD5024BRUZ-REEL7 Datasheet HTML 14Page - Analog Devices AD5024BRUZ-REEL7 Datasheet HTML 15Page - Analog Devices AD5024BRUZ-REEL7 Datasheet HTML 16Page - Analog Devices AD5024BRUZ-REEL7 Datasheet HTML 17Page - Analog Devices AD5024BRUZ-REEL7 Datasheet HTML 18Page - Analog Devices AD5024BRUZ-REEL7 Datasheet HTML 19Page - Analog Devices AD5024BRUZ-REEL7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD5024/AD5044/AD5064
Data Sheet
Rev. F | Page 16 of 28
CH1 20mV
CH2 5V
M4µs
A CH2
1.2V
T 8.6%
DAC A 129mV p-p
VDD = 5V,VREF = 4.096V
TA = 25°C
SCLK
Figure 44. Glitch Upon Exiting Power-Down (1 kΩ to GND) to Zero Scale,
No Load
CH1 20mV
CH2 5V
M4µs
A CH2
1.2V
T 8.6%
DAC A 170mV p-p
SCLK
TA = 25°C
VDD = 5V, VREF = 4.096V
Figure 45. Glitch Upon Exiting Power-Down (1 kΩ to GND) to Zero Scale,
5 kΩ/200 pF Load


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn