Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD5024BRUZ-REEL7 Fiches technique(PDF) 14 Page - Analog Devices

No de pièce AD5024BRUZ-REEL7
Description  Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5024BRUZ-REEL7 Fiches technique(HTML) 14 Page - Analog Devices

Back Button AD5024BRUZ-REEL7 Datasheet HTML 10Page - Analog Devices AD5024BRUZ-REEL7 Datasheet HTML 11Page - Analog Devices AD5024BRUZ-REEL7 Datasheet HTML 12Page - Analog Devices AD5024BRUZ-REEL7 Datasheet HTML 13Page - Analog Devices AD5024BRUZ-REEL7 Datasheet HTML 14Page - Analog Devices AD5024BRUZ-REEL7 Datasheet HTML 15Page - Analog Devices AD5024BRUZ-REEL7 Datasheet HTML 16Page - Analog Devices AD5024BRUZ-REEL7 Datasheet HTML 17Page - Analog Devices AD5024BRUZ-REEL7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD5024/AD5044/AD5064
Data Sheet
Rev. F | Page 14 of 28
7
4
1
–1
–4
0
2.5
5.0
7.5
10.0
TIME (μs)
5
6
3
2
0
–2
–3
VDD = 5V, VREF = 4.096V
TA = 25ºC
Figure 32. Analog Crosstalk
7
4
1
–1
–4
0
2.5
5.0
7.5
10.0
TIME (μs)
5
6
3
2
0
–2
–3
VDD = 5V, VREF = 4.096V
TA = 25°C
Figure 33. DAC-to-DAC Crosstalk
4s/DIV
VDD = 5V, VREF = 4.096V
TA = 25ºC
DAC LOADED WITH MIDSCALE
Figure 34. 0.1 Hz to 10 Hz Output Noise Plot
0
–20
–50
–80
–100
5
10
30
40
55
FREQUENCY (kHz)
–90
–70
–60
–10
–30
–40
20
50
VDD = 5V,
TA = 25ºC
DAC LOADED WITH MIDSCALE
VREF = 3.0V ± 200mV p-p
Figure 35. Total Harmonic Distortion
24
20
14
8
4
0
1
5
7
10
CAPACITANCE (nF)
6
10
12
22
18
16
3
9
2
4
6
8
VDD = 5V, VREF = 3.0V
TA = 25°C
1/4 SCALE TO 3/4 SCALE
WITHIN ±1LSB
Figure 36. Settling Time vs. Capacitive Load
CH1 5V
CH2 2V
M2µs
A CH1
2.5V
2
1
T 11%
VDD = 5V
VREF = 4.096V
TA = 25ºC
DAC A
CLR
Figure 37. Hardware CLR


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn