Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD5024BRUZ-REEL7 Fiches technique(PDF) 13 Page - Analog Devices

No de pièce AD5024BRUZ-REEL7
Description  Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5024BRUZ-REEL7 Fiches technique(HTML) 13 Page - Analog Devices

Back Button AD5024BRUZ-REEL7 Datasheet HTML 9Page - Analog Devices AD5024BRUZ-REEL7 Datasheet HTML 10Page - Analog Devices AD5024BRUZ-REEL7 Datasheet HTML 11Page - Analog Devices AD5024BRUZ-REEL7 Datasheet HTML 12Page - Analog Devices AD5024BRUZ-REEL7 Datasheet HTML 13Page - Analog Devices AD5024BRUZ-REEL7 Datasheet HTML 14Page - Analog Devices AD5024BRUZ-REEL7 Datasheet HTML 15Page - Analog Devices AD5024BRUZ-REEL7 Datasheet HTML 16Page - Analog Devices AD5024BRUZ-REEL7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data Sheet
AD5024/AD5044/AD5064
Rev. F | Page 13 of 28
DIGITAL INPUT VOLTAGE (V)
0
2
4
6
8
10
0
1
2
3
4
5
VDD = 5.5V
VREF = 4.096
TA = 25°C
Figure 26. Supply Current vs. Digital Input Voltage
5.0
4.0
3.0
2.0
0
TIME (µs)
1.0
4.5
3.5
2.5
1.5
0.5
VDD = 5V, VREF = 4.096V
TA = 25ºC
1/4 SCALE TO 3/4 SCALE
3/4 SCALE TO 1/4 SCALE
OUTPUT LOADED WITH 5kΩ
AND 200pF TO GND
0
2
4
6
8
10
12
14
Figure 27. Settling Time
CH1 2V
CH3 2V
M2ms
A CH1
2.52V
3
1
T 20.4%
VREF = 4.096V
TA = 25°C
VDD
DAC A
Figure 28. Power-On Reset to 0 V
CH1 2V
CH3 2V
M2ms
A CH1
2.52V
3
1
T 20.4%
VREF = 4.096V
TA = 25°C
OUTPUT UNLOADED
VDD
DAC A
Figure 29. Power-On Reset to Midscale
CH1 5V
CH2 500mV
M2µs
A CH2
1.2V
2
1
T 55%
CH1 = SCLK
CH2 = VOUT
VDD = 5V
POWER-UP TO MIDSCALE
OUTPUT UNLOADED
Figure 30. Exiting Power-Down to Midscale
6
3
1
–1
–3
0
2.5
5.0
7.5
10.0
TIME (μs)
5
4
2
–2
0
VDD = 5V
VREF = 4.096V
TA = 25°C
CODE = 0x8000 TO 0x7FFF
OUTPUT UNLOADED WITH 5k
AND 200pF
Figure 31. Digital-to-Analog Glitch Impulse


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn