Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD5024BRUZ-REEL7 Fiches technique(PDF) 26 Page - Analog Devices

No de pièce AD5024BRUZ-REEL7
Description  Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5024BRUZ-REEL7 Fiches technique(HTML) 26 Page - Analog Devices

Back Button AD5024BRUZ-REEL7 Datasheet HTML 20Page - Analog Devices AD5024BRUZ-REEL7 Datasheet HTML 21Page - Analog Devices AD5024BRUZ-REEL7 Datasheet HTML 22Page - Analog Devices AD5024BRUZ-REEL7 Datasheet HTML 23Page - Analog Devices AD5024BRUZ-REEL7 Datasheet HTML 24Page - Analog Devices AD5024BRUZ-REEL7 Datasheet HTML 25Page - Analog Devices AD5024BRUZ-REEL7 Datasheet HTML 26Page - Analog Devices AD5024BRUZ-REEL7 Datasheet HTML 27Page - Analog Devices AD5024BRUZ-REEL7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
AD5024/AD5044/AD5064
Data Sheet
Rev. F | Page 26 of 28
APPLICATIONS INFORMATION
USING A REFERENCE AS A POWER SUPPLY
Because the supply current required by the AD5024/AD5044/
AD5064/AD5064-1 is extremely low, an alternative option is to
use a voltage reference to supply the required voltage to the parts
(see Figure 56). This is especially useful if the power supply is
quite noisy or if the system supply voltages are at some value
other than 5 V (for example, 15 V). The voltage reference outputs
a steady supply voltage for the AD5024/AD5044/AD5064/
AD5064-1. If the low dropout REF195 is used, it must supply
3 mA of current to the AD5024/AD5044/AD5064/AD5064-1,
with no load on the output of the DAC. When the DAC output is
loaded, the REF195 also needs to supply the current to the load.
The total current required (with a 5 kΩ load on the DAC output) is
3 mA + (5 V/5 kΩ) = 4 mA
The load regulation of the REF195 is typically 2 ppm/mA,
which results in a 3 ppm (15 µV) error for the 4 mA current
drawn from it. This corresponds to a 0.196 LSB error.
SYNC
SCLK
DIN
15V
5V
VOUT = 0V TO 5V
VDD
REF195
AD5024/
AD5044/
AD5064/
AD5064-1
3-WIRE
SERIAL
INTERFACE
Figure 56. REF195 as Power Supply to the AD5024/AD5044/AD5064/AD5064-1
BIPOLAR OPERATION
The AD5024/AD5044/AD5064/AD5064-1 have been designed
for single-supply operation, but a bipolar output range is also
possible using the circuit shown in Figure 57. The circuit gives an
output voltage range of ±5 V. Rail-to-rail operation at the
amplifier output is achievable using an AD8638 or an AD8639
as the output amplifier.
Assuming VDD = VREF, the output voltage for any input code can
be calculated as follows:
×
+
×
×
=
R1
R2
V
R1
R2
R1
D
V
V
DD
DD
OUT
536
,
65
where D represents the input code in decimal (0 to 65,535).
With VDD = 5 V, R1 = R2 = 10 kΩ,
V
5
536
,
65
10
×
=
D
VOUT
This is an output voltage range of ±5 V, with 0x0000 corre-
sponding to a −5 V output, and 0xFFFF corresponding to a
+5 V output.
3-WIRE
SERIAL INTERFACE
R2 = 10kΩ
+5V
+5V
AD5024/
AD5044/
AD5064/
AD5064-1
VDD
VOUTA
R1 = 10kΩ
±5V
0.1µF
10µF
VREFA
–5V
5V
VREF
AD8638/
AD8639
Figure 57. Bipolar Operation
USING THE AD5024/AD5044/AD5064/AD5064-1
WITH A GALVANICALLY ISOLATED INTERFACE
In process control applications in industrial environments, it
is often necessary to use a galvanically isolated interface to
protect and isolate the controlling circuitry from any hazardous
common-mode voltages that can occur in the area where the
DAC is functioning. iCoupler® provides isolation in excess of
2.5 kV. The AD5024/AD5044/AD5064/AD5064-1 use a 3-wire
serial logic interface, so the ADuM1300 three-channel digital
isolator provides the required isolation (see Figure 58). The
power supply to the part also needs to be isolated, which is done
by using a transformer. On the DAC side of the transformer, a
5 V regulator provides the 5 V supply required for the AD5024/
AD5044/AD5064/AD5064-1.
0.1µF
GND
DIN
SYNC
SCLK
POWER
10µF
SDI
SCLK
DATA
AD5024/
AD5044/
AD5064/
AD5064-1
VOUTx
VOB
VOA
VOC
VDD
VIC
VIB
VIA
ADuM1300
5V
REGULATOR
Figure 58. AD5024/AD5044/AD5064/AD5064-1 with a Galvanically Isolated
Interface


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn