Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5044BRUZ-REEL7 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD5044BRUZ-REEL7
Description  Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5044BRUZ-REEL7 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD5044BRUZ-REEL7 Datasheet HTML 7Page - Analog Devices AD5044BRUZ-REEL7 Datasheet HTML 8Page - Analog Devices AD5044BRUZ-REEL7 Datasheet HTML 9Page - Analog Devices AD5044BRUZ-REEL7 Datasheet HTML 10Page - Analog Devices AD5044BRUZ-REEL7 Datasheet HTML 11Page - Analog Devices AD5044BRUZ-REEL7 Datasheet HTML 12Page - Analog Devices AD5044BRUZ-REEL7 Datasheet HTML 13Page - Analog Devices AD5044BRUZ-REEL7 Datasheet HTML 14Page - Analog Devices AD5044BRUZ-REEL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
AD5024/AD5044/AD5064
Rev. F | Page 11 of 28
0.20
0.10
0
–0.10
–0.20
512
16,640
32,768
48,896
65,024
DAC CODE
0.15
–0.05
0.05
–0.15
VDD = 5V
VREF = 4.096V
TA = 25°C
Figure 14. Total Unadjusted Error (TUE)
2.0
–1.6
–1.4
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
5.5
5.0
4.5
4.0
3.5
3.0
2.5
REFERENCE VOLTAGE (V)
MAX INL ERROR @ VDD = 5.5V
MIN INL ERROR @ VDD = 5.5V
TA = 25°C
Figure 15. INL vs. Reference Input Voltage
2.0
–1.6
–1.4
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
5.5
5.0
4.5
4.0
3.5
3.0
2.5
REFERENCE VOLTAGE (V)
TA = 25°C
MAX DNL ERROR @ VDD = 5.5V
MIN DNL ERROR @ VDD = 5.5V
Figure 16. DNL vs. Reference Input Voltage
2.0
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
5.5
5.0
4.5
4.0
3.5
3.0
2.5
REFERENCE VOLTAGE (V)
MAX TUE @ VDD = 5.5V
MIN TUE @ VDD = 5.5V
TA = 25°C
Figure 17. TUE vs. Reference Input Voltage
0.015
0.010
0.005
0
–0.015
–60
–20
40
80
140
TEMPERATURE (°C)
–0.005
–0.010
–40
0
20
60
100
120
VDD = 5.5V
VREF = 4.096V
DAC A
DAC B
DAC C
DAC D
Figure 18. Gain Error vs. Temperature
DAC A
0.6
0.4
0.3
0
–0.4
–60
0
40
80
140
TEMPERATURE (ºC)
0.5
0.2
0.1
–0.1
–0.2
–0.3
–40
20
–20
60
100
120
DAC C
DAC D
DAC B
VDD = 5.5V
VREF = 4.096V
Figure 19. Offset Error vs. Temperature


Numéro de pièce similaire - AD5044BRUZ-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5044BRUZ-REEL7 AD-AD5044BRUZ-REEL7 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
REV. 0
AD5044BRUZ-REEL7 AD-AD5044BRUZ-REEL7 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad,SPI Interface
More results

Description similaire - AD5044BRUZ-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5064 AD-AD5064_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5024 AD-AD5024_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5044 AD-AD5044_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5024 AD-AD5024 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
REV. 0
AD5025 AD-AD5025_15 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5025 AD-AD5025_08 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5065 AD-AD5065_15 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5045 AD-AD5045_15 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5066 AD-AD5066_15 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5066BRUZ AD-AD5066BRUZ Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com