Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5141 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD5141
Description  Quad Channel, 128-/256-Position, I2C Nonvolatile Digital Potentiometer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5141 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD5141 Datasheet HTML 7Page - Analog Devices AD5141 Datasheet HTML 8Page - Analog Devices AD5141 Datasheet HTML 9Page - Analog Devices AD5141 Datasheet HTML 10Page - Analog Devices AD5141 Datasheet HTML 11Page - Analog Devices AD5141 Datasheet HTML 12Page - Analog Devices AD5141 Datasheet HTML 13Page - Analog Devices AD5141 Datasheet HTML 14Page - Analog Devices AD5141 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
AD5123/AD5143
Rev. A | Page 11 of 28
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 5.
Parameter
Rating
VDD to GND
−0.3 V to +7.0 V
VSS to GND
+0.3 V to −7.0 V
VDD to VSS
7 V
VA, VW, VB to GND
VSS − 0.3 V, VDD + 0.3 V or
+7.0 V (whichever is less)
IA, IW, IB
Pulsed1
Frequency > 10 kHz
RAW = 10 kΩ
±6 mA/d2
RAW = 100 kΩ
±1.5 mA/d2
Frequency ≤ 10 kHz
RAW = 10 kΩ
±6 mA/√d2
RAW = 100 kΩ
±1.5 mA/√d2
Digital Inputs
−0.3 V to VDD + 0.3 V or
+7 V (whichever is less)
Operating Temperature Range, TA3
−40°C to +125°C
Maximum Junction Temperature,
TJ Maximum
150°C
Storage Temperature Range
−65°C to +150°C
Reflow Soldering
Peak Temperature
260°C
Time at Peak Temperature
20 sec to 40 sec
Package Power Dissipation
(TJ max − TA)/θJA
ESD4
4 kV
FICDM
1.5 kV
1
Maximum terminal current is bounded by the maximum current handling of
the switches, maximum power dissipation of the package, and maximum
applied voltage across any two of the A, B, and W terminals at a given
resistance.
2
d = pulse duty factor.
3
Includes programming of EEPROM memory.
4
Human body model (HBM) classification.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is defined by the JEDEC JESD51 standard, and the value is
dependent on the test board and test environment.
Table 6. Thermal Resistance
Package Type
θJA
θJC
Unit
16-Lead LFCSP
89.51
3
°C/W
1
JEDEC 2S2P test board, still air (0 m/sec airflow).
ESD CAUTION


Numéro de pièce similaire - AD5141

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5141BCPZ10-RL7 AD-AD5141BCPZ10-RL7 Datasheet
673Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
REV. 0
AD5141BCPZ10-RL7 AD-AD5141BCPZ10-RL7 Datasheet
791Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5141BCPZ100-RL7 AD-AD5141BCPZ100-RL7 Datasheet
673Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
REV. 0
AD5141BCPZ100-RL7 AD-AD5141BCPZ100-RL7 Datasheet
791Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5141WBCPZ10-RL7 AD-AD5141WBCPZ10-RL7 Datasheet
791Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
More results

Description similaire - AD5141

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5123 AD-AD5123 Datasheet
731Kb / 28P
   Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5124 AD-AD5124_17 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5122A AD-AD5122A_17 Datasheet
768Kb / 32P
   Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5121 AD-AD5121 Datasheet
673Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
REV. 0
AD5121 AD-AD5121_17 Datasheet
791Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5259 AD-AD5259 Datasheet
245Kb / 14P
   Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
Rev. PrJ 7/22/04
AD5122 AD-AD5122_17 Datasheet
751Kb / 32P
   Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
logo
Maxim Integrated Produc...
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
   Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Analog Devices
AD5253 AD-AD5253_12 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com