Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5121 Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD5121
Description  Quad Channel, 128-/256-Position, I2C Nonvolatile Digital Potentiometer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5121 Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD5121 Datasheet HTML 5Page - Analog Devices AD5121 Datasheet HTML 6Page - Analog Devices AD5121 Datasheet HTML 7Page - Analog Devices AD5121 Datasheet HTML 8Page - Analog Devices AD5121 Datasheet HTML 9Page - Analog Devices AD5121 Datasheet HTML 10Page - Analog Devices AD5121 Datasheet HTML 11Page - Analog Devices AD5121 Datasheet HTML 12Page - Analog Devices AD5121 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
AD5123/AD5143
Rev. A | Page 9 of 28
INTERFACE TIMING SPECIFICATIONS
VDD = 2.3 V to 5.5 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 4. I2C Interface
Parameter1
Test Conditions/Comments
Min
Typ
Max
Unit
Description
fSCL2
Standard mode
100
kHz
Serial clock frequency
Fast mode
400
kHz
t1
Standard mode
4.0
µs
SCL high time, tHIGH
Fast mode
0.6
µs
t2
Standard mode
4.7
µs
SCL low time, tLOW
Fast mode
1.3
µs
t3
Standard mode
250
ns
Data setup time, tSU; DAT
Fast mode
100
ns
t4
Standard mode
0
3.45
µs
Data hold time, tHD; DAT
Fast mode
0
0.9
µs
t5
Standard mode
4.7
µs
Setup time for a repeated start condition, tSU; STA
Fast mode
0.6
µs
t6
Standard mode
4
µs
Hold time (repeated) for a start condition, tHD; STA
Fast mode
0.6
µs
t7
Standard mode
4.7
µs
Bus free time between a stop and a start condition, tBUF
Fast mode
1.3
µs
t8
Standard mode
4
µs
Setup time for a stop condition, tSU; STO
Fast mode
0.6
µs
t9
Standard mode
1000
ns
Rise time of SDA signal, tRDA
Fast mode
20 + 0.1 CL
300
ns
t10
Standard mode
300
ns
Fall time of SDA signal, tFDA
Fast mode
20 + 0.1 CL
300
ns
t11
Standard mode
1000
ns
Rise time of SCL signal, tRCL
Fast mode
20 + 0.1 CL
300
ns
t11A
Standard mode
1000
ns
Rise time of SCL signal after a repeated start condition
and after an acknowledge bit, tRCL1 (not shown in Figure 3)
Fast mode
20 + 0.1 CL
300
ns
t12
Standard mode
300
ns
Fall time of SCL signal, tFCL
Fast mode
20 + 0.1 CL
300
ns
tSP3
Fast mode
0
50
ns
Pulse width of suppressed spike (not shown in Figure 3)
tEEPROM_PROGRAM4
15
50
ms
Memory program time (not shown in Figure 3)
tEEPROM_READBACK
7
30
µs
Memory readback time (not shown in Figure 3)
tPOWER_UP5
75
µs
Power-on EEPROM restore time (not shown in Figure 3)
tRESET
30
µs
Reset EEPROM restore time (not shown in Figure 3)
1
Maximum bus capacitance is limited to 400 pF.
2
The SDA and SCL timing is measured with the input filters enabled. Switching off the input filters improves the transfer rate; however, it has a negative effect on the
EMC behavior of the part.
3
Input filtering on the SCL and SDA inputs suppresses noise spikes that are less than 50 ns for fast mode.
4
EEPROM program time depends on the temperature and EEPROM write cycles. Higher timing is expected at lower temperatures and higher write cycles.
5
Maximum time after VDD − VSS is equal to 2.3 V.


Numéro de pièce similaire - AD5121

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5121 AD-AD5121 Datasheet
673Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
REV. 0
AD5121 AD-AD5121 Datasheet
791Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5121BCPZ10-RL7 AD-AD5121BCPZ10-RL7 Datasheet
673Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
REV. 0
AD5121BCPZ10-RL7 AD-AD5121BCPZ10-RL7 Datasheet
791Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5121BCPZ100-RL7 AD-AD5121BCPZ100-RL7 Datasheet
673Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
REV. 0
More results

Description similaire - AD5121

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5123 AD-AD5123 Datasheet
731Kb / 28P
   Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5124 AD-AD5124_17 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5122A AD-AD5122A_17 Datasheet
768Kb / 32P
   Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5121 AD-AD5121 Datasheet
673Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
REV. 0
AD5121 AD-AD5121_17 Datasheet
791Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5259 AD-AD5259 Datasheet
245Kb / 14P
   Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
Rev. PrJ 7/22/04
AD5122 AD-AD5122_17 Datasheet
751Kb / 32P
   Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
logo
Maxim Integrated Produc...
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
   Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Analog Devices
AD5253 AD-AD5253_12 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com