Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5142A Fiches technique(PDF) 1 Page - Analog Devices

No de pièce AD5142A
Description  Quad Channel, 128-/256-Position, I2C Nonvolatile Digital Potentiometer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5142A Fiches technique(HTML) 1 Page - Analog Devices

  AD5142A Datasheet HTML 1Page - Analog Devices AD5142A Datasheet HTML 2Page - Analog Devices AD5142A Datasheet HTML 3Page - Analog Devices AD5142A Datasheet HTML 4Page - Analog Devices AD5142A Datasheet HTML 5Page - Analog Devices AD5142A Datasheet HTML 6Page - Analog Devices AD5142A Datasheet HTML 7Page - Analog Devices AD5142A Datasheet HTML 8Page - Analog Devices AD5142A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Quad Channel, 128-/256-Position, I2C,
Nonvolatile Digital Potentiometer
Data Sheet
AD5123/AD5143
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
10 kΩ and 100 kΩ resistance options
Resistor tolerance: 8% maximum
Wiper current: ±6 mA
Low temperature coefficient: 35 ppm/°C
Wide bandwidth: 3 MHz
Fast start-up time < 75 μs
Linear gain setting mode
Single- and dual-supply operation
Wide operating temperature: −40°C to +125°C
3 mm × 3 mm package
4 kV ESD protection
APPLICATIONS
Portable electronics level adjustment
LCD panel brightness and contrast controls
Programmable filters, delays, and time constants
Programmable power supplies
FUNCTIONAL BLOCK DIAGRAM
VDD
VSS
GND
7/8
SERIAL
INTERFACE
POWER-ON
RESET
RDAC1
INPUT
REGISTER 1
RDAC2
INPUT
REGISTER 2
RDAC3
INPUT
REGISTER 3
RDAC4
INPUT
REGISTER 4
EEPROM
MEMORY
A1
W1
B1
A2
W2
B2
W3
B3
W4
B4
AD5123/AD5143
SCL
SDA
ADDR
Figure 1.
GENERAL DESCRIPTION
The AD5123/AD5143 potentiometers provide a nonvolatile
solution for 128-/256-position adjustment applications, offering
guaranteed low resistor tolerance errors of ±8% and up to ±6 mA
current density in the Ax, Bx, and Wx pins.
The low resistor tolerance and low nominal temperature coefficient
simplify open-loop applications as well as applications requiring
tolerance matching.
The linear gain setting mode allows independent programming
of the resistance between the digital potentiometer terminals,
through the RAW and RWB string resistors, allowing very accurate
resistor matching.
The high bandwidth and low total harmonic distortion (THD)
ensure optimal performance for ac signals, making the devices
suitable for filter design.
The low wiper resistance of only 40 Ω at the ends of the resistor
array allows for pin-to-pin connection.
The wiper values can be set through an I2C-compatible digital
interface that is also used to read back the wiper register and
EEPROM contents.
The AD5123/AD5143 are available in a compact, 16-lead, 3 mm ×
3 mm LFCSP. The parts are guaranteed to operate over the extended
industrial temperature range of −40°C to +125°C.
Table 1. Family Models
Model
Channel
Position
Interface
Package
AD51231
Quad
128
I2C
LFCSP
AD5124
Quad
128
SPI/I2C
LFCSP
AD5124
Quad
128
SPI
TSSOP
AD5143
Quad
256
I2C
LFCSP
AD5144
Quad
256
SPI/I2C
LFCSP
AD5144
Quad
256
SPI
TSSOP
AD5144A
Quad
256
I2C
TSSOP
AD5122
Dual
128
SPI
LFCSP/TSSOP
AD5122A
Dual
128
I2C
LFCSP/TSSOP
AD5142
Dual
256
SPI
LFCSP/TSSOP
AD5142A
Dual
256
I2C
LFCSP/TSSOP
AD5121
Single
128
SPI/I2C
LFCSP
AD5141
Single
256
SPI/I2C
LFCSP
1 Two potentiometers and two rheostats.


Numéro de pièce similaire - AD5142A

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5142ABCPZ10-RL7 AD-AD5142ABCPZ10-RL7 Datasheet
669Kb / 32P
   The AD5122A/AD5142A are available in a compact, 16-lead, 3 mm 횞 3 mm LFCSP and a 16-lead TSSOP.
REV. A
AD5142ABCPZ10-RL7 AD-AD5142ABCPZ10-RL7 Datasheet
768Kb / 32P
   Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5142ABCPZ100-RL7 AD-AD5142ABCPZ100-RL7 Datasheet
669Kb / 32P
   The AD5122A/AD5142A are available in a compact, 16-lead, 3 mm 횞 3 mm LFCSP and a 16-lead TSSOP.
REV. A
AD5142ABCPZ100-RL7 AD-AD5142ABCPZ100-RL7 Datasheet
768Kb / 32P
   Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5142ABRUZ10 AD-AD5142ABRUZ10 Datasheet
669Kb / 32P
   The AD5122A/AD5142A are available in a compact, 16-lead, 3 mm 횞 3 mm LFCSP and a 16-lead TSSOP.
REV. A
More results

Description similaire - AD5142A

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5123 AD-AD5123 Datasheet
731Kb / 28P
   Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5124 AD-AD5124_17 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5122A AD-AD5122A_17 Datasheet
768Kb / 32P
   Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5121 AD-AD5121 Datasheet
673Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
REV. 0
AD5121 AD-AD5121_17 Datasheet
791Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5259 AD-AD5259 Datasheet
245Kb / 14P
   Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
Rev. PrJ 7/22/04
AD5122 AD-AD5122_17 Datasheet
751Kb / 32P
   Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
logo
Maxim Integrated Produc...
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
   Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Analog Devices
AD5253 AD-AD5253_12 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com