Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5064BRUZ Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD5064BRUZ
Description  Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5064BRUZ Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD5064BRUZ Datasheet HTML 6Page - Analog Devices AD5064BRUZ Datasheet HTML 7Page - Analog Devices AD5064BRUZ Datasheet HTML 8Page - Analog Devices AD5064BRUZ Datasheet HTML 9Page - Analog Devices AD5064BRUZ Datasheet HTML 10Page - Analog Devices AD5064BRUZ Datasheet HTML 11Page - Analog Devices AD5064BRUZ Datasheet HTML 12Page - Analog Devices AD5064BRUZ Datasheet HTML 13Page - Analog Devices AD5064BRUZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD5024/AD5044/AD5064
Data Sheet
Rev. F | Page 10 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
1.0
0.2
0
–0.6
–1.0
512
16,640
32,768
48,896
65,024
DAC CODE
0.8
0.6
0.4
–0.4
–0.2
–0.8
VDD = 5V
VREF = 4.096V
TA = 25°C
Figure 8. AD5064/AD5064-1 INL
1.0
0.2
0
–0.6
–1.0
DAC CODE
0.8
0.6
0.4
–0.4
–0.2
–0.8
0
512
1024
1536
2048
2560
3072
3584
4096
VDD = 5V
VREF = 4.096V
TA = 25°C
Figure 9. AD5044 INL
1.0
0.2
0
–0.6
–1.0
DAC CODE
0.8
0.6
0.4
–0.4
–0.2
–0.8
0
512
1024
1536
2048
2560
3072
3584
4096
VDD = 5V
VREF = 4.096V
TA = 25°C
Figure 10. AD5024 INL
1.0
0.2
0
–1.0
–0.4
512
16,640
32,768
48,896
65,024
DAC CODE
–0.8
–0.6
–0.2
0.8
0.6
0.4
VDD = 5V
VREF = 4.096V
TA = 25°C
Figure 11. AD5064/AD5064-1 DNL
1.0
0.2
0
–0.6
–1.0
DAC CODE
0.8
0.6
0.4
–0.4
–0.2
–0.8
0
4096
8192
12,288
16,384
VDD = 5V
VREF = 4.096V
TA = 25°C
Figure 12. AD5044 DNL
1.00
0
DAC CODE
0.75
0.50
0.25
–1.00
–0.75
–0.50
–0.25
0
4096
8192
12,288
16,384
VDD = 5V
VREF = 4.096V
TA = 25°C
Figure 13. AD5024 DNL


Numéro de pièce similaire - AD5064BRUZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5064BRUZ AD-AD5064BRUZ Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
REV. 0
AD5064BRUZ AD-AD5064BRUZ Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad,SPI Interface
AD5064BRUZ-1 AD-AD5064BRUZ-1 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad,SPI Interface
AD5064BRUZ-1REEL7 AD-AD5064BRUZ-1REEL7 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad,SPI Interface
AD5064BRUZ-REEL7 AD-AD5064BRUZ-REEL7 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
REV. 0
More results

Description similaire - AD5064BRUZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5064 AD-AD5064_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5024 AD-AD5024_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5044 AD-AD5044_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5024 AD-AD5024 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
REV. 0
AD5025 AD-AD5025_15 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5025 AD-AD5025_08 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5065 AD-AD5065_15 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5045 AD-AD5045_15 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5066 AD-AD5066_15 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5066BRUZ AD-AD5066BRUZ Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com