Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5142 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD5142
Description  Quad Channel, 128-/256-Position, I2C Nonvolatile Digital Potentiometer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5142 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD5142 Datasheet HTML 4Page - Analog Devices AD5142 Datasheet HTML 5Page - Analog Devices AD5142 Datasheet HTML 6Page - Analog Devices AD5142 Datasheet HTML 7Page - Analog Devices AD5142 Datasheet HTML 8Page - Analog Devices AD5142 Datasheet HTML 9Page - Analog Devices AD5142 Datasheet HTML 10Page - Analog Devices AD5142 Datasheet HTML 11Page - Analog Devices AD5142 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD5123/AD5143
Data Sheet
Rev. A | Page 8 of 28
Parameter
Symbol
Test Conditions/Comments
Min
Typ1
Max
Unit
DYNAMIC CHARACTERISTICS9
Bandwidth
BW
−3 dB
RAB = 10 kΩ
3
MHz
RAB = 100 kΩ
0.43
MHz
Total Harmonic Distortion
THD
VDD/VSS = ±2.5 V, VA = 1 V rms,
VB = 0 V, f = 1 kHz
RAB = 10 kΩ
−80
dB
RAB = 100 kΩ
−90
dB
Resistor Noise Density
eN_WB
Code = half scale, TA = 25°C,
f = 10 kHz
RAB = 10 kΩ
7
nV/√Hz
RAB = 100 kΩ
20
nV/√Hz
VW Settling Time
tS
VA = 5 V, VB = 0 V, from
zero scale to full scale,
±0.5 LSB error band
RAB = 10 kΩ
2
µs
RAB = 100 kΩ
12
µs
Crosstalk (CW1/CW2)
CT
RAB = 10 kΩ
10
nV-sec
RAB = 100 kΩ
25
nV-sec
Analog Crosstalk
CTA
−90
dB
Endurance10
TA = 25°C
1
Mcycles
100
kcycles
Data Retention11
50
Years
1
Typical values represent average readings at 25°C, VDD = 5 V, and VSS = 0 V.
2
Resistor integral nonlinearity (R-INL) error is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper
positions. R-DNL measures the relative step change from ideal between successive tap positions. The maximum wiper current is limited to (0.7 × VDD)/RAB.
3
Guaranteed by design and characterization, not subject to production test.
4
INL and DNL are measured at VWB with the RDAC configured as a potentiometer divider similar to a voltage output DAC. VA = VDD and VB = 0 V. DNL specification limits
of ±1 LSB maximum are guaranteed monotonic operating conditions.
5
Resistor Terminal A, Resistor Terminal B, and Resistor Terminal W have no limitations on polarity with respect to each other. Dual-supply operation enables ground
referenced bipolar signal adjustment.
6
Different from operating current; supply current for EEPROM program lasts approximately 30 ms.
7
Different from operating current; supply current for EEPROM read lasts approximately 20 µs.
8
PDISS is calculated from (IDD × VDD).
9
All dynamic characteristics use VDD/VSS = ±2.5 V.
10
Endurance is qualified to 100,000 cycles per JEDEC Standard 22, Method A117 and measured at −40°C to +125°C.
11
Retention lifetime equivalent at junction temperature (TJ) = 125°C per JEDEC Standard 22, Method A117. Retention lifetime, based on an activation energy of 1 eV,
derates with junction temperature in the Flash/EE memory.


Numéro de pièce similaire - AD5142

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5142ABCPZ10-RL7 AD-AD5142ABCPZ10-RL7 Datasheet
669Kb / 32P
   The AD5122A/AD5142A are available in a compact, 16-lead, 3 mm 횞 3 mm LFCSP and a 16-lead TSSOP.
REV. A
AD5142ABCPZ10-RL7 AD-AD5142ABCPZ10-RL7 Datasheet
768Kb / 32P
   Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5142ABCPZ100-RL7 AD-AD5142ABCPZ100-RL7 Datasheet
669Kb / 32P
   The AD5122A/AD5142A are available in a compact, 16-lead, 3 mm 횞 3 mm LFCSP and a 16-lead TSSOP.
REV. A
AD5142ABCPZ100-RL7 AD-AD5142ABCPZ100-RL7 Datasheet
768Kb / 32P
   Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5142ABRUZ10 AD-AD5142ABRUZ10 Datasheet
669Kb / 32P
   The AD5122A/AD5142A are available in a compact, 16-lead, 3 mm 횞 3 mm LFCSP and a 16-lead TSSOP.
REV. A
More results

Description similaire - AD5142

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5123 AD-AD5123 Datasheet
731Kb / 28P
   Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5124 AD-AD5124_17 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5122A AD-AD5122A_17 Datasheet
768Kb / 32P
   Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5121 AD-AD5121 Datasheet
673Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
REV. 0
AD5121 AD-AD5121_17 Datasheet
791Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5259 AD-AD5259 Datasheet
245Kb / 14P
   Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
Rev. PrJ 7/22/04
AD5122 AD-AD5122_17 Datasheet
751Kb / 32P
   Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
logo
Maxim Integrated Produc...
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
   Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Analog Devices
AD5253 AD-AD5253_12 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com