Moteur de recherche de fiches techniques de composants électroniques |
|
AD5142 Fiches technique(PDF) 6 Page - Analog Devices |
|
AD5142 Fiches technique(HTML) 6 Page - Analog Devices |
6 / 28 page AD5123/AD5143 Data Sheet Rev. A | Page 6 of 28 ELECTRICAL CHARACTERISTICS—AD5143 VDD = 2.3 V to 5.5 V, VSS = 0 V; VDD = 2.25 V to 2.75 V, VSS = −2.25 V to −2.75 V; −40°C < TA < +125°C, unless otherwise noted. Table 3. Parameter Symbol Test Conditions/Comments Min Typ1 Max Unit DC CHARACTERISTICS—RHEOSTAT MODE (ALL RDACs) Resolution N 8 Bits Resistor Integral Nonlinearity2 R-INL RAB = 10 kΩ VDD ≥ 2.7 V −2 ±0.2 +2 LSB VDD < 2.7 V −5 ±1.5 +5 LSB RAB = 100 kΩ VDD ≥ 2.7 V −1 ±0.1 +1 LSB VDD < 2.7 V −2 ±0.5 +2 LSB Resistor Differential Nonlinearity2 R-DNL −0.5 ±0.2 +0.5 LSB Nominal Resistor Tolerance ΔRAB/RAB −8 ±1 +8 % Resistance Temperature Coefficient3 (ΔRAB/RAB)/ΔT × 106 Code = full scale 35 ppm/°C Wiper Resistance3 RW Code = zero scale RAB = 10 kΩ 55 125 Ω RAB = 100 kΩ 130 400 Ω Bottom Scale or Top Scale RBS or RTS RAB = 10 kΩ 40 80 Ω RAB = 100 kΩ 60 230 Ω Nominal Resistance Match RAB1/RAB2 Code = 0xFF −1 ±0.2 +1 % DC CHARACTERISTICS—POTENTIOMETER DIVIDER MODE (ALL RDACs) Integral Nonlinearity4 INL RAB = 10 kΩ −1 ±0.2 +1 LSB RAB = 100 kΩ −0.5 ±0.1 +0.5 LSB Differential Nonlinearity4 DNL −0.5 ±0.2 +0.5 LSB Full-Scale Error VWFSE RAB = 10 kΩ −2.5 −0.1 LSB RAB = 100 kΩ −1 ±0.2 +1 LSB Zero-Scale Error VWZSE RAB = 10 kΩ 1.2 3 LSB RAB = 100 kΩ 0.5 1 LSB Voltage Divider Temperature Coefficient3 (ΔVW/VW)/ΔT × 106 Code = half scale ±5 ppm/°C |
Numéro de pièce similaire - AD5142 |
|
Description similaire - AD5142 |