Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5040 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD5040
Description  Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5040 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD5040 Datasheet HTML 4Page - Analog Devices AD5040 Datasheet HTML 5Page - Analog Devices AD5040 Datasheet HTML 6Page - Analog Devices AD5040 Datasheet HTML 7Page - Analog Devices AD5040 Datasheet HTML 8Page - Analog Devices AD5040 Datasheet HTML 9Page - Analog Devices AD5040 Datasheet HTML 10Page - Analog Devices AD5040 Datasheet HTML 11Page - Analog Devices AD5040 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD5066
Rev. A | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0
10,000
20,000
30,000
40,000
50,000
60,000
CODE
VDD = 5V
VREF = 4.096V
TA = 25°C
Figure 4. INL Error vs. Code
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0
10,000
20,000
30,000
40,000
50,000
60,000
CODE
VDD = 5V
VREF = 4.096V
TA = 25°C
Figure 5. DNL Error vs. Code
–0.07
–0.06
–0.05
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
0.03
0
10,000
20,000
30,000
40,000
50,000
60,000
CODE
VDD = 5V
VREF = 4.096V
TA = 25°C
Figure 6. Total Unadjusted Error vs. Code
–0.5
–0.4
–0.3
–0.2
0
0.1
–0.1
0.2
0.3
0.4
0.5
2
3
4
5
REFERENCE VOLTAGE (V)
MIN INL
MAX INL
VDD = 5V
TA = 25°C
Figure 7. INL vs. Reference Input Voltage
–0.5
–0.4
–0.3
–0.2
0
0.1
–0.1
0.2
0.3
0.4
0.5
2
3
4
5
REFERENCE VOLTAGE (V)
MIN DNL
MAX DNL
VDD = 5.5V
TA = 25°C
Figure 8. DNL vs. Reference Input Voltage
–100
–80
–60
–40
–20
0
20
40
60
80
100
2
3
4
5
REFERENCE VOLTAGE (V)
MAX TUE
MIN TUE
VDD = 5.5V
TA = 25°C
Figure 9. Total Unadjusted Error vs. Reference Input Voltage


Numéro de pièce similaire - AD5040

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5040 AD-AD5040 Datasheet
829Kb / 17P
   Full Accurate 14/16 Bit Vout nanoDac Buffered, 3V/5V, Sot 23
Rev. PrC
AD5040 AD-AD5040 Datasheet
825Kb / 17P
   Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
Rev. PrB
AD5040 AD-AD5040 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5040 AD-AD5040 Datasheet
436Kb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
AD5040 AD-AD5040 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
More results

Description similaire - AD5040

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5066 AD-AD5066_15 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5066 AD-AD5066 Datasheet
445Kb / 20P
   Fully Accurate 16-Bit UnBuffered VOUT DAC SPI Interface 2.7 V to 5.5 V in a TSSOP
Rev. PrB
AD5064BRUZ-1 AD-AD5064BRUZ-1 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5064 AD-AD5064_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5024 AD-AD5024_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5044 AD-AD5044_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5024 AD-AD5024 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
REV. 0
AD5063 AD-AD5063_09 Datasheet
350Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
REV. C
AD5063 AD-AD5063_15 Datasheet
350Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
REV. C
AD5025 AD-AD5025_15 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com