Moteur de recherche de fiches techniques de composants électroniques |
|
AD5061 Fiches technique(PDF) 6 Page - Analog Devices |
|
AD5061 Fiches technique(HTML) 6 Page - Analog Devices |
6 / 24 page AD5066 Rev. A | Page 6 of 24 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Table 5. Parameter Rating V DD to GND −0.3 V to +7 V Digital Input Voltage to GND −0.3 V to V DD + 0.3 V V OUTx to GND −0.3 V to V DD + 0.3 V V REFx to GND −0.3 V to V DD + 0.3 V Operating Temperature Range Industrial −40°C to +125°C Storage Temperature Range −65°C to +150°C Junction Temperature (T J MAX) +150°C TSSOP Package Power Dissipation (T J MAX − TA)/θJA θ JA Thermal Impedance 150.4°C/W Reflow Soldering Peak Temperature SnPb 240°C Pb-Free 260°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION |
Numéro de pièce similaire - AD5061 |
|
Description similaire - AD5061 |