Moteur de recherche de fiches techniques de composants électroniques |
|
AD532SD883B Fiches technique(PDF) 11 Page - Analog Devices |
|
AD532SD883B Fiches technique(HTML) 11 Page - Analog Devices |
11 / 17 page AD532 Rev. D | Page 10 of 16 FUNCTIONAL DESCRIPTION The functional block diagram for the AD532 is shown in Figure 1and the complete schematic in Figure 14. In the multiplying and squaring modes, Z is connected to the output to close the feedback around the output op amp. In the divide mode, it is used as an input terminal. The X and Y inputs are fed to high impedance differential amplifiers featuring low distortion and good common-mode rejection. The amplifier voltage offsets are actively laser trimmed to zero during production. The product of the two inputs is resolved in the multiplier cell using Gilbert’s linearized transconductance technique. The cell is laser trimmed to obtain VOUT = (X1 − X2)(Y1 − Y2)/10 volts. The built-in op amp is used to obtain low output impedance and make possible self-contained operation. The residual output voltage offset can be zeroed at VOS in critical applications. Otherwise, the VOS pin should be grounded. X2 X1 Y1 COM R2 R34 R9 R1 Q1 Q2 Q3 Q4 Q5 Q6 R3 R6 R8 R16 Q7 Q8 Q14 Q15 Q9 Q10 R13 Y2 R18 R4 R5 R10 R32 Q28 Q11 Q12 R11 R19 R14 R12 R15 Q13 Q16 Q17 R23 R20 R22 R21 C1 Q21 R27 Q25 Z R33 VOS OUTPUT R30 R28 R29 R31 Q26 Q27 Q22 Q23 Q24 R26 R25 R24 Q20 Q19 Q18 +VS –VS CAN Figure 14. Schematic Diagram |
Numéro de pièce similaire - AD532SD883B |
|
Description similaire - AD532SD883B |