Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD532 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD532
Description  Internally Trimmed Integrated Circuit Multiplier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD532 Fiches technique(HTML) 4 Page - Analog Devices

  AD532 Datasheet HTML 1Page - Analog Devices AD532 Datasheet HTML 2Page - Analog Devices AD532 Datasheet HTML 3Page - Analog Devices AD532 Datasheet HTML 4Page - Analog Devices AD532 Datasheet HTML 5Page - Analog Devices AD532 Datasheet HTML 6Page - Analog Devices AD532 Datasheet HTML 7Page - Analog Devices AD532 Datasheet HTML 8Page - Analog Devices AD532 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AD532
Rev. D | Page 3 of 16
SPECIFICATIONS
At 25°C, VS = ±15 V, R ≥ 2 kΩ VOS grounded, unless otherwise noted.
Table 1.
AD532J
AD532K
AD532S
Model
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
MULTIPLIER PERFORMANCE
Transfer Function
V
Y
Y
X
X
10
)
(
)
(
2
1
2
1
V
Y
Y
X
X
10
)
(
)
(
2
1
2
1
V
Y
Y
X
X
10
)
(
)
(
2
1
2
1
Total Error
–10 V ≤ X, Y ≤ +10 V
±1.5
±2.0
±0.7
±1.0
±0.5
±1.0
%
TA = Minimum to Maximum
±2.5
±1.5
±4.0
%
Total Error vs. Temperature
±0.04
±0.03
±0.01
±0.04
%/°C
Supply Rejection
±15 V ±10%
±0.05
±0.05
±0.05
%/%
Nonlinearity, X
X = 20 V p-p, Y = 10 V
± 0.8
±0.5
±0.5
%
Nonlinearity, Y
Y = 20 V p-p, X = 10 V
±0.3
±0.2
±0.2
%
Feedthrough, X
Y nulled, X = 20 V p-p 50 Hz
50
200
30
100
30
100
mV
Feedthrough, Y (X Nulled,
30
150
25
80
25
80
mV
Y = 20 V p-p 50 Hz)
Feedthrough vs. Temperature
2.0
1.0
1.0
mV p-p/°C
Feedthrough vs. Power Supply
±0.25
±0.25
±0.25
mV/%
DYNAMICS
Small Signal BW
VOUT = 0.1 rms
1
1
1
MHz
1% Amplitude Error
75
75
75
kHz
Slew Rate
VOUT 20 p-p
45
45
45
V/μs
Settling Time
to 2%, ΔVOUT = 20 V
1
1
1
μs
NOISE
Wideband Noise
0.6
0.6
0.6
mV (rms)
f = 5 Hz to 10 kHz
f = 5 Hz to 5 MHz
3.0
3.0
3.0
mV (rms)
OUTPUT
Voltage Swing
±10
±13
±10
±13
±10
±13
V
Impedance
f ≤ 1 kHz
1
1
1
Offset Voltage
±40
±30
±30
mV
Offset Voltage vs. Temperature
0.7
0.7
2.0
mV/°C
Offset Voltage vs. Supply
±2.5
±2.5
±2.5
mV/%
INPUT AMPLIFIERS (X, Y, and Z)
Signal Voltage Range
Differential or CM
operating differential
±10
±10
±10
V
CMRR
40
50
50
dB
Input Bias Current
X, Y Inputs
3
1.5
4
1.5
4
μA
X, Y Inputs TMIN to TMAX
10
8
8
±15
μA
Z Input
±10
±5
±15
±5
μA
Z Input TMIN to TMAX
±30
±25
±25
μA
Offset Current
±0.3
±0.1
±0.1
μA
Differential Resistance
10
10
10
MΩ
DIVIDER PERFORMANCE
Transfer Function
Xl > X2
10 V Z/(X1 − X2)
10 V Z/(X1 − X2)
10 V Z/(X1 − X2)
Total Error
VX = −10 V, −10 V ≤ VZ
+10 V
±2
±1
±1
%
VX = −1 V, −10 V ≤ VZ
+10 V
±4
±3
±3
%


Numéro de pièce similaire - AD532

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD532 AD-AD532 Datasheet
136Kb / 7P
   Internally Trimmed Integrated Circuit Multiplier
REV. B
AD532 AD-AD532 Datasheet
559Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
REV. D
AD5320 AD-AD5320 Datasheet
427Kb / 20P
   2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
REV. F
AD5320 AD-AD5320 Datasheet
192Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
REV. B
AD5320 AD-AD5320 Datasheet
359Kb / 20P
   2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
REV. 0
More results

Description similaire - AD532

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD532 AD-AD532 Datasheet
136Kb / 7P
   Internally Trimmed Integrated Circuit Multiplier
REV. B
AD532 AD-AD532_15 Datasheet
559Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
REV. D
AD535 AD-AD535_15 Datasheet
1Mb / 6P
   INTERNALLY TRIMMED INTEGRATED CIRCUIT DIVIDER
AD534 AD-AD534 Datasheet
159Kb / 12P
   Internally Trimmed Precision IC Multiplier
REV. B
AD632 AD-AD632 Datasheet
177Kb / 6P
   Internally Trimmed Precision IC Multiplier
REV. A
AD534 AD-AD534_15 Datasheet
530Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. D
AD632 AD-AD632_15 Datasheet
498Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD534JDZ AD-AD534JDZ Datasheet
575Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. C
AD632ADZ AD-AD632ADZ Datasheet
458Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
logo
Motorola, Inc
MC3419-1 MOTOROLA-MC3419-1 Datasheet
1Mb / 16P
   SUBSCRIBER LOOP INTERFACE CIRCUIT(SLIC) BIPOLASER-TRIMMED INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com