Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA16AG Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce SA16AG
Description  500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA16AG Fiches technique(HTML) 1 Page - ON Semiconductor

  SA16AG Datasheet HTML 1Page - ON Semiconductor SA16AG Datasheet HTML 2Page - ON Semiconductor SA16AG Datasheet HTML 3Page - ON Semiconductor SA16AG Datasheet HTML 4Page - ON Semiconductor SA16AG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2009
October, 2009 − Rev. 13
1
Publication Order Number:
SA5.0A/D
SA5.0A Series
500 Watt Peak Power
MiniMOSORBt Zener
Transient Voltage
Suppressors
Unidirectional
The SA5.0A series is designed to protect voltage sensitive
components from high voltage, high energy transients. They have
excellent clamping capability, high surge capability, low zener
impedance and fast response time. The SA5.0A series is supplied in
ON Semiconductor’s exclusive, cost-effective, highly reliable
Surmetic
t axial leaded package and is ideally-suited for use in
communication systems, numerical controls, process controls,
medical equipment, business machines, power supplies and many
other industrial/consumer applications.
Features
Working Peak Reverse Voltage Range − 5.0 to 170 V
Peak Power − 500 Watts @ 1.0 ms
ESD Rating of Class 3 (>16 kV) per Human Body Model
Maximum Clamp Voltage @ Peak Pulse Current
Low Leakage < 1 mA above 8.5 V
UL 497B for Isolated Loop Circuit Protection
Maximum Temperature Coefficient Specified
Response Time is typically < 1.0 ns
Pb−Free Packages are Available*
Mechanical Characteristics:
CASE:
Void-free, Transfer-molded, Thermosetting Plastic
FINISH:
All external surfaces are corrosion resistant and leads are
readily solderable
MAXIMUM LEAD TEMPERATURE FOR SOLDERING:
260
°C, 1/16 in. from the case for 10 seconds
POLARITY:
Cathode indicated by polarity band
MOUNTING POSITION:
Any
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
MARKING DIAGRAM
http://onsemi.com
AXIAL LEAD
CASE 59AA
PLASTIC
Cathode
Anode
A
SAxxxA
YYWWG
G
Device
Package
Shipping
ORDERING INFORMATION
SAxxxAG
Axial Lead
(Pb−Free)
1000 Units / Box
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
SAxxxARLG
Axial Lead
(Pb−Free)
5000 / Tape & Reel
SAxxxALFG**
Axial Lead
(Pb−Free)
2000 Units / Box
**Lead formed device.
A
= Assembly Location
SAxxxA
= Device Number
(Refer to Table on Page 3)
YY
= Year
WW
= Work Week
G
=Pb−Free Package
(Note: Microdot may be in either location)


Numéro de pièce similaire - SA16AG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
SA16AG ONSEMI-SA16AG Datasheet
58Kb / 6P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
May, 2006 ??Rev. 11
SA16AG ONSEMI-SA16AG Datasheet
117Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
SA16AG ONSEMI-SA16AG Datasheet
100Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener
October, 2009 ??Rev. 13
SA16AG ONSEMI-SA16AG Datasheet
100Kb / 5P
   500 Watt Peak Power MiniMOSORBZener
October, 2009 ??Rev. 13
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com