Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPSV1080040025 Fiches technique(PDF) 5 Page - AVX Corporation

No de pièce TPSV1080040025
Description  Low ESR series of robust Mn02 solid electrolyte capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVX [AVX Corporation]
Site Internet  http://www.avx.com
Logo AVX - AVX Corporation

TPSV1080040025 Fiches technique(HTML) 5 Page - AVX Corporation

  TPSV1080040025 Datasheet HTML 1Page - AVX Corporation TPSV1080040025 Datasheet HTML 2Page - AVX Corporation TPSV1080040025 Datasheet HTML 3Page - AVX Corporation TPSV1080040025 Datasheet HTML 4Page - AVX Corporation TPSV1080040025 Datasheet HTML 5Page - AVX Corporation TPSV1080040025 Datasheet HTML 6Page - AVX Corporation TPSV1080040025 Datasheet HTML 7Page - AVX Corporation TPSV1080040025 Datasheet HTML 8Page - AVX Corporation TPSV1080040025 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TPS Series
Low ESR
RATINGS & PART NUMBER REFERENCE
Rated
DCL
DF
ESR
100kHz RMS Current (A)
100kHz RMS Voltage (V)
AVX
Case Capacitance Voltage
(μA)
%
Max. (mΩ) MSL
Part No.
Size
(μF)
(V)
Max.
Max. @100kHz
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
TPSC337*006#0080
C
330
6.3
19.8
12
80
1
1.173
1.055
0.469
0.094
0.084
0.038
TPSC337*006#0100
C
330
6.3
19.8
12
100
1
1.049
0.944
0.420
0.105
0.094
0.042
TPSD337*006#0045
D
330
6.3
20.8
8
45
1
1.826
1.643
0.730
0.082
0.074
0.033
TPSD337*006#0050
D
330
6.3
20.8
8
50
1
1.732
1.559
0.693
0.087
0.078
0.035
TPSD337*006#0070
D
330
6.3
20.8
8
70
1
1.464
1.317
0.586
0.102
0.092
0.041
TPSD337*006#0100
D
330
6.3
20.8
8
100
1
1.225
1.102
0.490
0.122
0.110
0.049
TPSE337*006#0050
E
330
6.3
20.8
8
50
1
1)
1.817
1.635
0.727
0.091
0.082
0.036
TPSE337*006#0100
E
330
6.3
20.8
8
100
1
1)
1.285
1.156
0.514
0.128
0.116
0.051
TPSE337*006#0125
E
330
6.3
20.8
8
125
1
1)
1.149
1.034
0.460
0.144
0.129
0.057
TPSE337*006#0150
E
330
6.3
20.8
8
150
1
1)
1.049
0.944
0.420
0.157
0.142
0.063
TPSV337*006#0100
V
330
6.3
20.8
8
100
1
1)
1.581
1.423
0.632
0.158
0.142
0.063
TPSY337*006#0100
Y
330
6.3
20.8
12
100
1
1)
1.118
1.006
0.447
0.112
0.101
0.045
TPSY337*006#0150
Y
330
6.3
20.8
12
150
1
1)
0.913
0.822
0.365
0.137
0.123
0.055
TPSD477*006#0045
D
470
6.3
28
12
45
1
1.826
1.643
0.730
0.082
0.074
0.033
TPSD477*006#0060
D
470
6.3
28
12
60
1
1.581
1.423
0.632
0.095
0.085
0.038
TPSD477*006#0100
D
470
6.3
28
12
100
1
1.225
1.102
0.490
0.122
0.110
0.049
TPSD477*006#0200
D
470
6.3
28
12
200
1
0.866
0.779
0.346
0.173
0.156
0.069
TPSE477*006#0045
E
470
6.3
28
10
45
1
1)
1.915
1.723
0.766
0.086
0.078
0.034
TPSE477*006#0050
E
470
6.3
28
10
50
1
1)
1.817
1.635
0.727
0.091
0.082
0.036
TPSE477*006#0060
E
470
6.3
28
10
60
1
1)
1.658
1.492
0.663
0.099
0.090
0.040
TPSE477*006#0100
E
470
6.3
28
10
100
1
1)
1.285
1.156
0.514
0.128
0.116
0.051
TPSE477*006#0200
E
470
6.3
28
10
200
1
1)
0.908
0.817
0.363
0.182
0.163
0.073
TPSV477*006#0040
V
470
6.3
28
10
40
1
1)
2.500
2.250
1.000
0.100
0.090
0.040
TPSV477*006#0055
V
470
6.3
28
10
55
1
1)
2.132
1.919
0.853
0.117
0.106
0.047
TPSV477*006#0100
V
470
6.3
28
10
100
1
1)
1.581
1.423
0.632
0.158
0.142
0.063
TPSY477*006#0150
Y
470
6.3
28.2
20
150
1
1)
0.913
0.822
0.365
0.137
0.123
0.055
TPSE687*006#0045
E
680
6.3
42.8
10
45
1
1)
1.915
1.723
0.766
0.086
0.078
0.034
TPSE687*006#0060
E
680
6.3
42.8
10
60
1
1)
1.658
1.492
0.663
0.099
0.090
0.040
TPSE687*006#0100
E
680
6.3
42.8
10
100
1
1)
1.285
1.156
0.514
0.128
0.116
0.051
TPSV687*006#0035
V
680
6.3
42.8
14
35
1
1)
2.673
2.405
1.069
0.094
0.084
0.037
TPSV687*006#0040
V
680
6.3
42.8
10
40
1
1)
2.500
2.250
1.000
0.100
0.090
0.040
TPSV687*006#0050
V
680
6.3
42.8
10
50
1
1)
2.236
2.012
0.894
0.112
0.101
0.045
TPSE108M006#0100
E
1000
6.3
60
20
100
1
1)
1.285
1.156
0.514
0.128
0.116
0.051
TPSV108M006#0040
V
1000
6.3
60
16
40
1
1)
2.500
2.250
1.000
0.100
0.090
0.040
TPSV108M006#0050
V
1000
6.3
60
16
50
1
1)
2.236
2.012
0.894
0.112
0.101
0.045
10 Volt @ 85ºC (7 Volt @ 125ºC)
TPSR105*010#9000
R
1
10
0.5
4
9000
1
0.078
0.070
0.031
0.704
0.633
0.281
TPSA225*010#1800
A
2.2
10
0.5
6
1800
1
0.204
0.184
0.082
0.367
0.331
0.147
TPST335*010#1500
T
3.3
10
0.5
6
1500
1
0.231
0.208
0.092
0.346
0.312
0.139
TPSA475*010#1400
A
4.7
10
0.5
6
1400
1
0.231
0.208
0.093
0.324
0.292
0.130
TPSB475*010#1400
B
4.7
10
0.5
6
1400
1
0.246
0.222
0.099
0.345
0.310
0.138
TPSR475*010#3000
R
4.7
10
0.5
6
3000
1
0.135
0.122
0.054
0.406
0.366
0.162
TPSR475*010#5000
R
4.7
10
0.5
6
5000
1
0.105
0.094
0.042
0.524
0.472
0.210
TPSA685*010#1800
A
6.8
10
0.7
6
1800
1
0.204
0.184
0.082
0.367
0.331
0.147
TPSB685*010#1300
B
6.8
10
0.7
6
1300
1
0.256
0.230
0.102
0.332
0.299
0.133
TPST685*010#1800
T
6.8
10
0.7
6
1800
1
0.211
0.190
0.084
0.379
0.342
0.152
TPSA106*010#0900
A
10
10
1
6
900
1
0.289
0.260
0.115
0.260
0.234
0.104
TPSA106*010#1800
A
10
10
1
6
1800
1
0.204
0.184
0.082
0.367
0.331
0.147
TPSB106*010#1000
B
10
10
1
6
1000
1
0.292
0.262
0.117
0.292
0.262
0.117
TPSP106M010#2000
P
10
10
1
8
2000
1
0.173
0.156
0.069
0.346
0.312
0.139
TPSS106*010#0900
S
10
10
1
8
900
1
0.269
0.242
0.107
0.242
0.218
0.097
TPST106*010#1000
T
10
10
1
6
1000
1
0.283
0.255
0.113
0.283
0.255
0.113
TPST106*010#2000
T
10
10
1
6
2000
1
0.200
0.180
0.080
0.400
0.360
0.160
TPSA156*010#1000
A
15
10
1.5
6
1000
1
0.274
0.246
0.110
0.274
0.246
0.110
TPSB156*010#0450
B
15
10
1.5
6
450
1
0.435
0.391
0.174
0.196
0.176
0.078
TPSB156*010#0600
B
15
10
1.5
6
600
1
0.376
0.339
0.151
0.226
0.203
0.090
TPSC156*010#0700
C
15
10
1.5
6
700
1
0.396
0.357
0.159
0.277
0.250
0.111
TPST156*010#1200
T
15
10
1.5
8
1200
1
0.258
0.232
0.103
0.310
0.279
0.124
TPSA226*010#0900
A
22
10
2.2
8
900
1
0.289
0.260
0.115
0.260
0.234
0.104
TPSB226*010#0400
B
22
10
2.2
6
400
1
0.461
0.415
0.184
0.184
0.166
0.074
TPSB226*010#0500
B
22
10
2.2
6
500
1
0.412
0.371
0.165
0.206
0.186
0.082
TPSB226*010#0700
B
22
10
2.2
6
700
1
0.348
0.314
0.139
0.244
0.220
0.098
TPSC226*010#0300
C
22
10
2.2
6
300
1
0.606
0.545
0.242
0.182
0.163
0.073
TPST226*010#0800
T
22
10
2.2
8
800
1
0.316
0.285
0.126
0.253
0.228
0.101
TPSA336*010#0700
A
33
10
3.3
8
700
1
0.327
0.295
0.131
0.229
0.206
0.092
TPSB336*010#0250
B
33
10
3.3
6
250
1
0.583
0.525
0.233
0.146
0.131
0.058
TPSB336*010#0425
B
33
10
3.3
6
425
1
0.447
0.402
0.179
0.190
0.171
0.076
TPSB336*010#0500
B
33
10
3.3
6
500
1
0.412
0.371
0.165
0.206
0.186
0.082
TPSB336*010#0650
B
33
10
3.3
6
650
1
0.362
0.325
0.145
0.235
0.212
0.094
11) Dry pack option (see How to order) recommended for reduction of stress during soldering. Dry pack parts should be treated as MSL 3.
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
The EIA & CECC standards for low ESR Solid Tantalum Capacitors allow an ESR movement to 1.25 times catalogue limit post mounting.
For typical weight and composition see page 120.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
34


Numéro de pièce similaire - TPSV1080040025

FabricantNo de pièceFiches techniqueDescription
logo
AVX Corporation
TPSV1080040025 AVX-TPSV1080040025 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSV1080040025 AVX-TPSV1080040025 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSV1080040025 AVX-TPSV1080040025 Datasheet
146Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSV1080040025 AVX-TPSV1080040025 Datasheet
146Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSV1080040025 AVX-TPSV1080040025 Datasheet
146Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
More results

Description similaire - TPSV1080040025

FabricantNo de pièceFiches techniqueDescription
logo
AVX Corporation
TPSB226M016R0600 AVX-TPSB226M016R0600 Datasheet
199Kb / 16P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSC107K006R0150 AVX-TPSC107K006R0150 Datasheet
163Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSV107K020R0200 AVX-TPSV107K020R0200 Datasheet
146Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSD107K016S0125 AVX-TPSD107K016S0125 Datasheet
162Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSD226K025R0200 AVX-TPSD226K025R0200 Datasheet
159Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSD227K010R0150 AVX-TPSD227K010R0150 Datasheet
162Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSD227M010R0050 AVX-TPSD227M010R0050 Datasheet
205Kb / 16P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSV107K025R0100 AVX-TPSV107K025R0100 Datasheet
197Kb / 16P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSX107K010R0150 AVX-TPSX107K010R0150 Datasheet
169Kb / 12P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSC227K006R0125 AVX-TPSC227K006R0125 Datasheet
146Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com