Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TIP141 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce TIP141
Description  Monolithic Construction With Built In Base- Emitter Shunt Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TIP141 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  TIP141 Datasheet HTML 1Page - Fairchild Semiconductor TIP141 Datasheet HTML 2Page - Fairchild Semiconductor TIP141 Datasheet HTML 3Page - Fairchild Semiconductor TIP141 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
NPN Epitaxial Silicon Darlington Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: TIP140
: TIP141
: TIP142
60
80
100
V
V
V
VCEO
Collector-Emitter Voltage : TIP140
: TIP141
: TIP142
60
80
100
V
V
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current (DC)
10
A
ICP
Collector Current (Pulse)
15
A
IB
Base Current (DC)
0.5
A
PC
Collector Dissipation (TC=25°C)
125
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VCEO(sus)
Collector-Emitter Sustaining Voltage
: TIP140
: TIP141
: TIP142
IC = 30mA, IB = 0
60
80
100
V
V
V
ICEO
Collector Cut-off Current
: TIP140
: TIP141
: TIP142
VCE = 30V, IB = 0
VCE = 40V, IB = 0
VCE = 50V, IB = 0
2
2
2
mA
mA
mA
ICBO
Collector Cut-off Current
: TIP140
: TIP141
: TIP142
VCB = 60V, IE = 0
VCB = 80V, IE = 0
VCB = 100V, IE = 0
1
1
1
mA
mA
mA
IEBO
Emitter Cut-off Current
VBE = 5V, IC = 0
2mA
hFE
DC Current Gain
VCE = 4V, IC = 5A
VCE = 4V, IC = 10A
1000
500
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 5A, IB = 10mA
IC = 10A, IB = 40mA
2
3
V
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 10A, IB = 40mA
3.5
V
VBE(on)
Base-Emitter ON Voltage
VCE = 4V, IC = 10A
3V
tD
Delay Time
VCC = 30V, IC = 5A
IB1 = 20mA, IB2 = -20mA
RL = 6Ω
0.15
µs
tR
Rise Time
0.55
µs
tSTG
Storage Time
2.5
µs
tF
Fall Time
2.5
µs
TIP140/141/142
Monolithic Construction With Built In Base-
Emitter Shunt Resistors
• High DC Current Gain : hFE = 1000 @ VCE = 4V, IC = 5A (Min.)
• Industrial Use
• Complement to TIP145/146/147
Equivalent Circuit
B
E
C
R1
R2
R18k
R 20.12k
TO-3P
1
1.Base 2.Collector 3.Emitter


Numéro de pièce similaire - TIP141

FabricantNo de pièceFiches techniqueDescription
logo
Mospec Semiconductor
TIP141 MOSPEC-TIP141 Datasheet
204Kb / 4P
   POWER TRANSISTORS(10A,60-100V,125W)
logo
Comset Semiconductor
TIP141 COMSET-TIP141 Datasheet
74Kb / 3P
   NPN SILICON DARLINGTONS, SILICON POWER TRANSISTORS
logo
Motorola, Inc
TIP141 MOTOROLA-TIP141 Datasheet
234Kb / 6P
   10 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Continental Device Indi...
TIP141 CDIL-TIP141 Datasheet
327Kb / 3P
   SILICON PLANAR DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
TIP141 ONSEMI-TIP141 Datasheet
217Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
More results

Description similaire - TIP141

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
TIP105 FAIRCHILD-TIP105 Datasheet
50Kb / 4P
   Monolithic Construction With Built In Base- Emitter Shunt Resistors
logo
SemiHow Co.,Ltd.
TIP100 SEMIHOW-TIP100 Datasheet
744Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
TIP125 SEMIHOW-TIP125 Datasheet
510Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
Fairchild Semiconductor
FJPF9020TU FAIRCHILD-FJPF9020TU Datasheet
68Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
SemiHow Co.,Ltd.
TIP106 SEMIHOW-TIP106_10 Datasheet
750Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
TAI-SAW TECHNOLOGY CO.,...
TIP140T TAI-SAW-TIP140T_11 Datasheet
574Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
Fairchild Semiconductor
TIP141T FAIRCHILD-TIP141T Datasheet
52Kb / 4P
   Monolithic Construction With Built In Base- Emitter Shunt Resistors
logo
TAI-SAW TECHNOLOGY CO.,...
TIP145T TAI-SAW-TIP145T Datasheet
536Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
SemiHow Co.,Ltd.
TIP120 SEMIHOW-TIP120 Datasheet
501Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
TIP140T SEMIHOW-TIP140T Datasheet
571Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com