Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TIL111 Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce TIL111
Description  GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TIL111 Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  TIL111 Datasheet HTML 1Page - Fairchild Semiconductor TIL111 Datasheet HTML 2Page - Fairchild Semiconductor TIL111 Datasheet HTML 3Page - Fairchild Semiconductor TIL111 Datasheet HTML 4Page - Fairchild Semiconductor TIL111 Datasheet HTML 5Page - Fairchild Semiconductor TIL111 Datasheet HTML 6Page - Fairchild Semiconductor TIL111 Datasheet HTML 7Page - Fairchild Semiconductor TIL111 Datasheet HTML 8Page - Fairchild Semiconductor TIL111 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
6/30/03
Page 3 of 14
© 2003 Fairchild Semiconductor Corporation
GENERAL PURPOSE 6-PIN
PHOTOTRANSISTOR OPTOCOUPLERS
TIL111
TIL111-M
TIL117-M
MOC8100-M
Note
* Typical values at TA = 25°C unless otherwise noted
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
INDIVIDUAL COMPONENT CHARACTERISTICS
Parameter
Test Conditions
Device
Symbol
Min
Typ*
Max
Unit
EMITTER
Input Forward Voltage
(IF = 16 mA)
(TA = 25°C) TIL111/TIL111-M
VF
1.2
1.4
V
(IF = 10 mA; for
MOC8100-M)
(IF = 16 mA; for
TIL117-M)
(TA = 0-70°C)
MOC8100-M/
TIL117-M
1.2
1.4
(TA = -55°C)
1.32
(TA = +100°C)
1.10
Reverse Leakage Current
(VR = 3.0 V)
TIL111/TIL111-M/
TIL117-M
IR
0.001
10
µA
(VR = 6.0V)
MOC8100-M
0.001
10
µA
DETECTOR
Collector-Emitter Breakdown Voltage
(IC = 1.0 mA, IF = 0)
All
BVCEO
30
100
V
Collector-Base Breakdown Voltage
(IC = 10 µA, IF = 0)
All
BVCBO
70
120
V
Emitter-Base Breakdown Voltage
(IE = 10 µA, IF = 0)
All
BVEBO
710
V
Emitter-Collector Breakdown Voltage
(IF = 100µA, IF = 0)
TIL111-M
TIL117-M
BVECO
710
V
Collector-Emitter Dark Current
(VCE = 10 V, IF = 0)
TIL111/TIL111-M/
TIL117-M
ICEO
1
50
nA
(VCE = 5V, TA = 25°C)
MOC8100-M
ICEO
0.5
25
nA
(VCE = 30 V, IF = 0, TA = 70°C)
TIL117-M/
MOC8100-M
ICEO
0.2
50
µA
Collector-Base Dark Current
(VCB = 10 V)
TIL111/TIL111-M/
TIL117-M
ICBO
20
nA
(VCB = 5 V)
MOC8100-M
ICBO
10
nA
Capacitance
(VCE = 0 V, f = 1 MHz)
All
CCE
8pF
ISOLATION CHARACTERISTICS
Characteristic
Test Conditions
Symbol
Min
Typ*
Max
Units
Input-Output Isolation Voltage
(Non ‘-M’, Black Package) (f = 60 Hz, t = 1 min)
VISO
5300
Vac(rms)
(‘-M’, White Package) (f = 60 Hz, t = 1 sec)
7500
Vac(pk)
Isolation Resistance
(VI-O = 500 VDC)
RISO
1011
Isolation Capacitance
(VI-O = 0, f = 1 MHz)
CISO
2pF


Numéro de pièce similaire - TIL111

FabricantNo de pièceFiches techniqueDescription
logo
QT Optoelectronics
TIL111 QT-TIL111 Datasheet
302Kb / 4P
   PHOTOTRANSISTOR OPTOISOLATOR
logo
Texas Instruments
TIL111 TI-TIL111 Datasheet
297Kb / 7P
[Old version datasheet]   COMPATIBLE WITH STANDARD TTL INTEGATED CIRCUITS
logo
Fairchild Semiconductor
TIL111 FAIRCHILD-TIL111 Datasheet
609Kb / 14P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
ISOCOM COMPONENTS
TIL111 ISOCOM-TIL111 Datasheet
53Kb / 3P
   OPTICALLY COUPLED ISOLATOR HOTOTRANSISTOR OUTPUT
logo
Everlight Electronics C...
TIL111 EVERLIGHT-TIL111 Datasheet
419Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
More results

Description similaire - TIL111

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
MOC8204 FAIRCHILD-MOC8204 Datasheet
115Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Rohm
4N26-M ROHM-4N26-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
4N27SM FAIRCHILD-4N27SM Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35SVM FAIRCHILD-4N35SVM Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35SR2M FAIRCHILD-4N35SR2M Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
TIL117M FAIRCHILD-TIL117M_09 Datasheet
273Kb / 11P
   General Purpose 6-Pin Phototransistor Optocouplers
4N25M FAIRCHILD-4N25M_09 Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A1VM FAIRCHILD-H11A1VM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N37TVM FAIRCHILD-4N37TVM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A1SM FAIRCHILD-H11A1SM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N25-M FAIRCHILD-4N25-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com