Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9887AKS-140 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD9887AKS-140
Description  Dual Interface for Flat Panel Display
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9887AKS-140 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD9887AKS-140 Datasheet HTML 7Page - Analog Devices AD9887AKS-140 Datasheet HTML 8Page - Analog Devices AD9887AKS-140 Datasheet HTML 9Page - Analog Devices AD9887AKS-140 Datasheet HTML 10Page - Analog Devices AD9887AKS-140 Datasheet HTML 11Page - Analog Devices AD9887AKS-140 Datasheet HTML 12Page - Analog Devices AD9887AKS-140 Datasheet HTML 13Page - Analog Devices AD9887AKS-140 Datasheet HTML 14Page - Analog Devices AD9887AKS-140 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
AD9887A
Rev. B | Page 11 of 52
PIN FUNCTION DETAILS—PINS SHARED BETWEEN DIGITAL AND ANALOG INTERFACES
Sync Outputs
HSOUT
Horizontal Sync Output
The horizontal sync output is a reconstructed
version of the video Hsync, phase-aligned with
DATACK. The polarity of this output can be
controlled via a serial bus bit. In analog interface
mode, the placement and duration are variable. In
digital interface mode, the placement and duration
are set by the graphics transmitter.
VSOUT
Vertical Sync Output
The Vsync is separated from a composite signal or
a direct pass-through of the Vsync input. The polarity
of this output can be controlled via a serial bus bit.
The placement and duration in all modes are set by
the graphics transmitter.
2-Wire Serial Port
SDA
Serial Port Data I/O
SCL
Serial Port Data Clock
A0
Serial Port Address Input 1
A1
Serial Port Address Input 2
For a full description of the 2-wire serial register
and how it works, see the 2-Wire Serial Control
Port section.
Data Outputs
RED A
Data Output, Red Channel, Port A/Even
RED B
Data Output, Red Channel, Port B/Odd
GREEN A Data Output, Green Channel, Port A/Even
GREEN B Data Output, Green Channel, Port B/Odd
BLUE A
Data Output, Blue Channel, Port A/Even
BLUE B
Data Output, Blue Channel, Port B/Odd
These outputs are the main data outputs. Bit 7 is the
MSB. These outputs are shared between the two
interfaces.
Data Clock Outputs
DATACK Data Output Clock
DATACK Data Output Clock Complement
Like the data outputs, the data clock outputs are
shared between the two interfaces. They also behave
differently, depending on which interface is active.
See the Theory of Operation and Design Guide—
Analog Interface and the Theory of Operation—
Digital Interface sections for details on how these
pins behave.
Sync Detect
SCDT
Chip Active/Inactive Detect Output
The logic for the SCDT pin is analog interface
HSYNC detection or digital interface DE detection.
Therefore, the SCDT pin switches to logic low under
two conditions: when neither interface is active, or
when the chip is in full power-down mode. The data
outputs are automatically set to three-state when
SCDT is low. This pin can be read by a controller to
identify periods of inactivity.
Scan Function
SCANIN
Data Input for Scan Function
By using the scan function, 48 bits of data can be
loaded into the data outputs. Data is input serially
through this pin, clocked with the SCANCLK pin,
and comes through the outputs as parallel words.
This function is useful for loading known data into
a graphics controller chip for testing purposes.
SCANOUT Data Output for Scan Function
The data input serially into the SCANIN register can
be read through this pin. Data is read on a FIFO
basis and is clocked via the SCANCLK pin.
SCANCLK
Data Clock for Scan Function
This pin clocks the data for the scan function.
It controls both data input and output.


Numéro de pièce similaire - AD9887AKS-140

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9887AKS-140 AD-AD9887AKS-140 Datasheet
384Kb / 44P
   Dual Interface for Flat Panel Displays
REV. 0
More results

Description similaire - AD9887AKS-140

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9887A AD-AD9887A_15 Datasheet
918Kb / 52P
   Dual Interface for Flat Panel Display
REV. B
AD9887 AD-AD9887 Datasheet
321Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882 AD-AD9882 Datasheet
370Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9882A AD-AD9882A_15 Datasheet
985Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9887 AD-AD9887_15 Datasheet
1Mb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882A AD-AD9882A Datasheet
984Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882 AD-AD9882_15 Datasheet
376Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9887A AD-AD9887A Datasheet
384Kb / 44P
   Dual Interface for Flat Panel Displays
REV. 0
AD9886 AD-AD9886 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
AD9886 AD-AD9886_15 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com