Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9887AKS-140 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD9887AKS-140
Description  Dual Interface for Flat Panel Display
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9887AKS-140 Fiches technique(HTML) 3 Page - Analog Devices

  AD9887AKS-140 Datasheet HTML 1Page - Analog Devices AD9887AKS-140 Datasheet HTML 2Page - Analog Devices AD9887AKS-140 Datasheet HTML 3Page - Analog Devices AD9887AKS-140 Datasheet HTML 4Page - Analog Devices AD9887AKS-140 Datasheet HTML 5Page - Analog Devices AD9887AKS-140 Datasheet HTML 6Page - Analog Devices AD9887AKS-140 Datasheet HTML 7Page - Analog Devices AD9887AKS-140 Datasheet HTML 8Page - Analog Devices AD9887AKS-140 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
AD9887A
Rev. B | Page 3 of 52
SPECIFICATIONS
ANALOG INTERFACE
VD = 3.3 V, VDD = 3.3 V, ADC clock = maximum conversion rate, unless otherwise noted.
Table 1.
AD9887AKS-100
AD9887AKS-140
AD9887AKS-170
Parameter
Temp
Test
Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
8
8
8
Bits
DC ACCURACY
Differential Nonlinearity
25°C
I
±0.5
+1.15/−1.0
±0.5
+1.25/−1.0
±0.8
+1.25/−1.0
LSB
Full
VI
+1.15/−1.0
+1.25/−1.0
+1.50/−1.0
LSB
Integral Nonlinearity
25°C
I
±0.5
±1.40
±0.5
±1.4
±1.0
±2.25
LSB
Full
VI
±1.75
±2.5
±2.75
LSB
No Missing Codes
25°C
I
Guaranteed
Guaranteed
Guaranteed
ANALOG INPUTS
Voltage Range
Minimum
Full
VI
0.5
0.5
0.5
V p-p
Maximum
Full
VI
1.0
1.0
1.0
V p-p
Gain Tempco
25°C
V
135
150
150
ppm/°C
Bias Current
25°C
IV
1
1
1
μA
Full
IV
1
1
1
μA
Full-Scale Matching
Full
VI
8.0
8.0
8.0
% FS
Offset Adjustment
Range
Full
VI
43
48
53
43
48
53
43
48
53
% FS
REFERENCE OUTPUTS
Voltage Range
Full
V
1.3
1.3
1.3
V
Temperature Coefficient
Full
V
90
90
90
ppm/°C
SWITCHING
PERFORMANCE1
Max Conversion Rate
Full
VI
100
140
170
MSPS
Min Conversion Rate
Full
IV
10
10
10
MSPS
Clock-to-Data Skew,
tSKEW
Full
IV
−1.5
+2.5
−1.5
+2.5
−1.5
+2.5
ns
Serial Port Timing
tBUFF
Full
VI
4.7
4.7
4.7
μs
tSTAH
Full
VI
4.0
4.0
4.0
μs
tDHO
Full
VI
250
250
250
ns
tDAL
Full
VI
4.7
4.7
4.7
μs
tDAH
Full
VI
4.0
4.0
4.0
μs
tDSU
Full
VI
100
100
100
ns
tSTASU
Full
VI
4.7
4.7
4.7
μs
tSTOSU
Full
VI
4.0
4.0
4.0
μs
HSYNC Input Frequency
Full
IV
15
110
15
110
15
110
kHz
Max PLL Clock Rate
Full
VI
100
140
170
MHz
Min PLL Clock Rate
Full
IV
12
12
12
MHz
PLL Jitter
25°C
IV
500
7002
440
6503
370
5004
ps p-p
Full
IV
10002
7003
7004
ps p-p
Sampling Phase Tempco
Full
IV
10
10
10
ps/°C


Numéro de pièce similaire - AD9887AKS-140

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9887AKS-140 AD-AD9887AKS-140 Datasheet
384Kb / 44P
   Dual Interface for Flat Panel Displays
REV. 0
More results

Description similaire - AD9887AKS-140

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9887A AD-AD9887A_15 Datasheet
918Kb / 52P
   Dual Interface for Flat Panel Display
REV. B
AD9887 AD-AD9887 Datasheet
321Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882 AD-AD9882 Datasheet
370Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9882A AD-AD9882A_15 Datasheet
985Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9887 AD-AD9887_15 Datasheet
1Mb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882A AD-AD9882A Datasheet
984Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882 AD-AD9882_15 Datasheet
376Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9887A AD-AD9887A Datasheet
384Kb / 44P
   Dual Interface for Flat Panel Displays
REV. 0
AD9886 AD-AD9886 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
AD9886 AD-AD9886_15 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com