Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8582ANZ Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD8582ANZ
Description  5 Volt, Parallel Input Complete Dual 12-Bit DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8582ANZ Fiches technique(HTML) 8 Page - Analog Devices

  AD8582ANZ Datasheet HTML 1Page - Analog Devices AD8582ANZ Datasheet HTML 2Page - Analog Devices AD8582ANZ Datasheet HTML 3Page - Analog Devices AD8582ANZ Datasheet HTML 4Page - Analog Devices AD8582ANZ Datasheet HTML 5Page - Analog Devices AD8582ANZ Datasheet HTML 6Page - Analog Devices AD8582ANZ Datasheet HTML 7Page - Analog Devices AD8582ANZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
REV. 0
–8–
AD8582
10
–10
125
–4
–8
–25
–6
–50
2
–2
0
4
6
8
100
50
75
0
25
TEMPERATURE –
°C
VDD = +4.75V
σAVG +1σ
AVG
σAVG –1σ
0.10
0.00
125
–25
0.02
–50
0.06
0.04
0.08
100
50
75
0
25
TEMPERATURE –
°C
σAVG +1σ
AVG
σAVG – 1σ
∆ V
DD = +4.75 TO +5.25V
0.000
–0.005
125
–25
–0.004
–50
–0.002
–0.003
–0.001
100
50
75
0
25
TEMPERATURE –
°C
σAVG +1σ
AVG
σAVG –1σ
V
DD = +4.75V
∆I
L = 5mA
Figure 23. Reference Error vs.
Temperature
Figure 24. Reference Load Regulation
vs. Temperature
Figure 25. Reference Line Regulation
vs. Temperature
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
N-24
24-Pin Narrow Body Plastic DIP
SOL-24
24-Lead Wide Body SOIC
0.195 (4.95)
0.115 (2.93)
0.325 (8.25)
0.300 (7.62)
0.015 (0.381)
0.008 (0.204)
PIN 1
24
1
13
12
0.280 (7.11)
0.240 (6.10)
0.210
(5.33)
MAX
0.100 (2.54)
BSC
SEATING
PLANE
0.060 (1.52)
0.015 (0.38)
0.150
(3.81)
MIN
0.070 (1.77)
0.045 (1.15)
0.022 (0.558)
0.014 (0.356)
0.200 (5.05)
0.125 (3.18)
1.275 (32.30)
1.125 (28.60)
PIN 1
0.2992 (7.60)
0.2914 (7.40)
0.4193 (10.65)
0.3937 (10.00)
13
12
1
24
0.0192 (0.49)
0.0138 (0.35)
0.0500 (1.27)
BSC
0.1043 (2.65)
0.0926 (2.35)
0.6141 (15.60)
0.5985 (15.20)
0.0118 (0.30)
0.0040 (0.10)
0.0125 (0.32)
0.0091 (0.23)
0.0500 (1.27)
0.0157 (0.40)
0.0291 (0.74)
0.0098 (0.25)
x 45
°
8
°
0
°


Numéro de pièce similaire - AD8582ANZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8582AN AD-AD8582AN Datasheet
309Kb / 8P
   5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
AD8582AN AD-AD8582AN Datasheet
312Kb / 8P
   5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
More results

Description similaire - AD8582ANZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8582 AD-AD8582_15 Datasheet
312Kb / 8P
   5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
AD8582 AD-AD8582 Datasheet
309Kb / 8P
   5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
AD8582ARZ AD-AD8582ARZ Datasheet
312Kb / 8P
   5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
DAC8562 AD-DAC8562 Datasheet
636Kb / 16P
   5 Volt, Parallel Input Complete 12-Bit DAC
REV. A
DAC8562FSZ AD-DAC8562FSZ Datasheet
639Kb / 16P
   5 Volt, Parallel Input Complete 12-Bit DAC
REV. A
DAC8562 AD-DAC8562_15 Datasheet
639Kb / 16P
   5 Volt, Parallel Input Complete 12-Bit DAC
AD8522ARZ AD-AD8522ARZ Datasheet
244Kb / 8P
   5 Volt, Serial Input, Dual 12-Bit DAC
REV. A
AD8522 AD-AD8522 Datasheet
240Kb / 8P
   5 Volt, Serial Input, Dual 12-Bit DAC
REV. A
AD8300 AD-AD8300 Datasheet
245Kb / 8P
   3 Volt, Serial Input Complete 12-Bit DAC
REV. A
AD8300 AD-AD8300_15 Datasheet
244Kb / 8P
   3 Volt, Serial Input Complete 12-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com