Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI54A-3R3 Fiches technique(PDF) 1 Page - Delta Electronics, Inc.

No de pièce SI54A-3R3
Description  SMT Power Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DELTA [Delta Electronics, Inc.]
Site Internet  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

SI54A-3R3 Fiches technique(HTML) 1 Page - Delta Electronics, Inc.

  SI54A-3R3 Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMT Power Inductor
SI54 Type
DELTA ELECTRONICS, INC.
(TAOYUAN PLANT CPBG)
RoHS compliant.
mounting.
Low profile (3.5mm max. Height) SMD type.
Unshielded.
Self-leads, suitable for high density
High energy storage and low DCR.
Provided with embossed carrier tape packing.
Ideal for power source circuits, DC-DC converter, DC-AC inverters
inductor applications.
In addition to the standard versions shown here, customized inductors
are available to meet your exact requirements.
Features
Electrical Characteristics:
4
0.00
0.01
0.10
1.00
10.00
CURRENT (A)
0.10
1.00
10.00
100.00
680
560
470
390
330
270
220
180
150
120
100
8R2
6R8
5R6
4R7
3R9
2R2
1R8
1R5
1R0
2R7
3R3
252, SAN YING ROAD, KUEISAN INDUSTRIAL ZONE, TAOYUAN SHIEN, 333, TAIWAN, R.O.C.
TEL: 886-3-3591968; FAX: 886-3-3591991
http://www.deltaww.com
25
1KHz, 1V
oC,
SI54 - 1R0
1.0
0.0480
2.70
SI54A - 1R0
1.0
0.0200
5.60
SI54 - 1R5
1.5
0.0560
2.60
SI54 - 1R8
1.8
0.0630
2.00
SI54 - 2R2
2.2
0.0710
1.90
SI54 - 2R7
2.7
0.0780
1.80
SI54 - 3R3
3.3
0.0860
1.70
SI54A - 3R3
3.3
0.0860
2.90
SI54 - 3R9
3.9
0.0930
1.60
SI54 - 4R7
4.7
0.1080
1.50
SI54A - 4R7
0.3
0.0108
2.50
SI54 - 5R6
5.6
0.1250
1.40
SI54 - 6R8
6.8
0.1310
1.30
SI54 - 8R2
8.2
0.1460
1.20
SI54 - 100
10.0
0.1820
1.10
SI54 - 120
12.0
0.2100
0.97
SI54 - 150
15.0
0.2350
0.85
SI54 - 180
18.0
0.3380
0.74
SI54 - 220
22.0
0.3780
0.68
SI54 - 270
27.0
0.5220
0.62
SI54 - 330
33.0
0.5400
0.56
SI54 - 390
39.0
0.5870
0.52
SI54 - 470
47.0
0.8440
0.44
SI54A - 470
0.3
0.8440
0.77
SI54 - 560
56.0
0.9370
0.42
SI54A - 560
0.3
0.9370
0.75
SI54 - 680
68.0
1.1170
0.37
PART NO.
L
(uH)
1
DCR
( ) MAX
Irated
(Adc)
2
1. Tolerance of inductance :
15% for 1.0~8.2uH,
10% for 10~68uH.
2. Irated is the DC current which cause the inductance drop less than 10%(20% for A-3R3 & A-4R7) of its nominal
o
inductance without current and the surface temperature of the part increase less than 45 C.
oo
3. Operating temperature: -20 C to 105 C (including self-temperature rise).
Mechanical Dimension:
4.0
B
C
5.2
1.0
D
UNIT:mm/inch
A = 4.5
0.15 / 0.177
0.006
B = 4.0
0.15 / 0.157
0.006
C = 3.2
0.3 / 0.126
0.012
D = 1.0
0.2 / 0.039
0.008
RECOMMENDED PAD PATTERNS


Numéro de pièce similaire - SI54A-3R3

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI540 SILABS-SI540 Datasheet
879Kb / 16P
   Very low jitter: 125 fs Typ RMS
logo
Skyworks Solutions Inc.
SI540 SKYWORKS-SI540 Datasheet
1Mb / 20P
   Ultra Low Jitter Any-Frequency XO (125 fs), 0.2 to 1500 MHz
Revision 206609A May, 2023
logo
Vishay Siliconix
SI5401DC VISHAY-SI5401DC Datasheet
65Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 17-Jan-05
SI5401DC-T1-E3 VISHAY-SI5401DC-T1-E3 Datasheet
65Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 17-Jan-05
SI5402BDC VISHAY-SI5402BDC Datasheet
91Kb / 1P
   Specification Comparison Si5402BDC vs. Si5402DC
10-May-05
More results

Description similaire - SI54A-3R3

FabricantNo de pièceFiches techniqueDescription
logo
ice Components, Ins.
ISL37-3R8 ICE-ISL37-3R8 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
logo
Delta Electronics, Inc.
SIL104-1R5 DELTA-SIL104-1R5 Datasheet
83Kb / 1P
   SMT Power Inductor
SIWC1365 DELTA-SIWC1365 Datasheet
97Kb / 1P
   SMT Power Inductor
logo
List of Unclassifed Man...
SI106 ETC-SI106 Datasheet
419Kb / 1P
   SMT Power Inductor
MOS6020 ETC-MOS6020 Datasheet
84Kb / 2P
   SMT Power Inductor
logo
Delta Electronics, Inc.
HAL1345 DELTA-HAL1345 Datasheet
149Kb / 1P
   SMT Power Inductor
SIWC1350 DELTA-SIWC1350 Datasheet
96Kb / 1P
   SMT Power Inductor
SIQ1250R DELTA-SIQ1250R Datasheet
76Kb / 1P
   SMT Power Inductor
SIQ1055 DELTA-SIQ1055 Datasheet
211Kb / 1P
   SMT Power Inductor
SIQ126R DELTA-SIQ126R Datasheet
327Kb / 1P
   SMT Power Inductor
SIL530 DELTA-SIL530 Datasheet
92Kb / 1P
   SMT Power Inductor
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com