Moteur de recherche de fiches techniques de composants électroniques |
|
TL071MJG Fiches technique(PDF) 2 Page - Texas Instruments |
|
TL071MJG Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 48 page TL071, TL071A, TL071B, TL072 TL072A, TL072B, TL074, TL074A, TL074B LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS SLOS080J − SEPTEMBER 1978 − REVISED MARCH 2005 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description/ordering information (continued) ORDERING INFORMATION TA VIOmax AT 25 °C PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP (P) Tube of 50 TL071CP TL071CP PDIP (P) Tube of 50 TL072CP TL072CP PDIP (N) Tube of 25 TL074CN TL074CN Tube of 75 TL071CD TL071C Reel of 2500 TL071CDR TL071C SOIC (D) Tube of 75 TL072CD TL072C SOIC (D) Reel of 2500 TL072CDR TL072C 10 mV Tube of 50 TL074CD TL074C 10 mV Reel of 2500 TL074CDR TL074C SOP (NS) Reel of 2000 TL074CNSR TL074 SOP (PS) Reel of 2000 TL071CPSR TL071 SOP (PS) Reel of 2000 TL072CPSR T072 Reel of 2000 TL072CPWR T072 TSSOP (PW) Tube of 90 TL074CPW T074 TSSOP (PW) Reel of 2000 TL074CPWR T074 PDIP (P) Tube of 50 TL071ACP TL071ACP PDIP (P) Tube of 50 TL072ACP TL072ACP 0 °Cto70°C PDIP (N) Tube of 25 TL074ACN TL074ACN 0 °C to 70°C Tube of 75 TL071ACD 071AC Reel of 2500 TL071ACDR 071AC 6 mV SOIC (D) Tube of 75 TL072ACD 072AC 6 mV SOIC (D) Reel of 2500 TL072ACDR 072AC Tube of 50 TL074ACD TL074AC Reel of 2500 TL074ACDR TL074AC SOP (PS) Reel of 2000 TL072ACPSR T072A SOP (NS) Reel of 2000 TL074ACNSR TL074A PDIP (P) Tube of 50 TL071BCP TL071BCP PDIP (P) Tube of 50 TL072BCP TL072BCP PDIP (N) Tube of 25 TL074BCN TL074BCN Tube of 75 TL071BCD 071BC 3mV Reel of 2500 TL071BCDR 071BC 3 mV SOIC (D) Tube of 75 TL072BCD 072BC SOIC (D) Reel of 2500 TL072BCDR 072BC Tube of 50 TL074BCD TL074BC Reel of 2500 TL074BCDR TL074BC SOP (NS) Reel of 2000 TL074BCNSR TL074B † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. |
Numéro de pièce similaire - TL071MJG |
|
Description similaire - TL071MJG |