Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS75118QPWPG4 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce TPS75118QPWPG4
Description  FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75118QPWPG4 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS75118QPWPG4 Datasheet HTML 7Page - Texas Instruments TPS75118QPWPG4 Datasheet HTML 8Page - Texas Instruments TPS75118QPWPG4 Datasheet HTML 9Page - Texas Instruments TPS75118QPWPG4 Datasheet HTML 10Page - Texas Instruments TPS75118QPWPG4 Datasheet HTML 11Page - Texas Instruments TPS75118QPWPG4 Datasheet HTML 12Page - Texas Instruments TPS75118QPWPG4 Datasheet HTML 13Page - Texas Instruments TPS75118QPWPG4 Datasheet HTML 14Page - Texas Instruments TPS75118QPWPG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
www.ti.com
0
3
200
150
100
3.5
2.5
50
4.5
5
250
300
T =+25 C
J
°
T =+125 C
J
°
T = 40 C
-
J
°
I
OUT =1.5A
4
V
InputVoltage
V
-
-
IN
0
200
150
100
50
250
300
-
40
10
160
60
110
T
JunctionTemperature
C
J -
- °
I
OUT =1.5A
I
OUT =0.5A
3.0
2.7
2.0
1.5
1.75
2
2.25
2.5
2.75
4.0
3
3.25
3.5
T =+25 C
A
°
T =+125 C
A
°
T = 40 C
-
A
°
I
OUT =1.5A
V
OutputVoltage
V
-
-
OUT
4
100
0
0
3
-100
t
Time
ms
-
-
0.1
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.2
I
=1.5A
C
=100 F
V
=1.5V
OUT
OUT
OUT
m
dV
dT
=
1V
s
m
TPS751xxQ
TPS753xxQ
SLVS241C – MARCH 2000 – REVISED OCTOBER 2007
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ= –40°C to +125°C) unless otherwise noted. Typical values are at TJ = +25°C.
TPS75x01Q
TPS75x33Q
DROPOUT VOLTAGE
DROPOUT VOLTAGE
vs INPUT VOLTAGE
vs JUNCTION TEMPERATURE
Figure 11.
Figure 12.
INPUT VOLTAGE (MIN)
TPS75x15Q
vs OUTPUT VOLTAGE
LINE TRANSIENT RESPONSE
Figure 13.
Figure 14.
Copyright © 2000–2007, Texas Instruments Incorporated
Submit Documentation Feedback
11


Numéro de pièce similaire - TPS75118QPWPG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS75118QPWPG4 TI-TPS75118QPWPG4 Datasheet
764Kb / 35P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75118QPWPG4 TI1-TPS75118QPWPG4 Datasheet
830Kb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75118QPWPG4 TI1-TPS75118QPWPG4 Datasheet
1Mb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Description similaire - TPS75118QPWPG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS75301-EP TI1-TPS75301-EP Datasheet
882Kb / 33P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75301-Q1 TI1-TPS75301-Q1 Datasheet
557Kb / 31P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101-Q1 TI1-TPS75101-Q1 Datasheet
448Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101Q TI-TPS75101Q Datasheet
764Kb / 35P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS7A4501 TI1-TPS7A4501_17 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
TPS7A4501 TI-TPS7A4501_15 Datasheet
3Mb / 37P
[Old version datasheet]   TPS7A45xx Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com