Moteur de recherche de fiches techniques de composants électroniques |
|
SIWC73 Fiches technique(PDF) 1 Page - Delta Electronics, Inc. |
|
SIWC73 Fiches technique(HTML) 1 Page - Delta Electronics, Inc. |
|
1 / 1 page DELTA P/N : SIWC73 Series Mechanical dimensions Electrical Characteristics @25 100KHz, 0.1V ℃ ℃ ℃ ℃ Delta P/N L 1 (uH) DCR (m ) MAX Irated 2 (Adc) SIWC73-1R0 1.0 19 3.12 SIWC73-1R5 1.5 23 2.85 SIWC73-2R2 2.2 28 2.66 SIWC73-3R3 3.3 35 2.26 SIWC73-4R7 4.7 43 1.96 SIWC73-6R8 6.8 55 1.76 SIWC73-100 10 80 1.34 SIWC73-120 12 90 1.23 SIWC73-150 15 120 1.09 SIWC73-180 18 130 0.99 SIWC73-220 22 150 0.90 SIWC73-270 27 210 0.81 SIWC73-330 33 250 0.72 SIWC73-390 39 310 0.67 SIWC73-470 47 350 0.60 SIWC73-560 56 430 0.55 SIWC73-680 68 520 0.50 SIWC73-820 82 600 0.46 SIWC73-101 100 790 0.41 1. Tolerance of inductance : ± 20% 2. Irated is the DC current which cause the inductance drop 10% typical of it’s nominal inductance without current and the surface temperature of the part increase less than 45 ℃. 3. Operating temperature: -40℃ to 105℃ (Self-temperature rise included). Dimensions (Unit : mm) A 7.6 MAX B 7.6 MAX C 3.5 MAX D 5.3 E 1.0 F 2.0 G 4.4 H 2.0 I 3.0 |
Numéro de pièce similaire - SIWC73 |
|
Description similaire - SIWC73 |