Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA15QS450-4 Fiches technique(PDF) 4 Page - Littelfuse

No de pièce LA15QS450-4
Description  Traditional Semiconductor Fuses
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LA15QS450-4 Fiches technique(HTML) 4 Page - Littelfuse

  LA15QS450-4 Datasheet HTML 1Page - Littelfuse LA15QS450-4 Datasheet HTML 2Page - Littelfuse LA15QS450-4 Datasheet HTML 3Page - Littelfuse LA15QS450-4 Datasheet HTML 4Page - Littelfuse LA15QS450-4 Datasheet HTML 5Page - Littelfuse LA15QS450-4 Datasheet HTML 6Page - Littelfuse LA15QS450-4 Datasheet HTML 7Page - Littelfuse LA15QS450-4 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Littelfuse.com
© 2013 Littelfuse POWR-GARD® Products
POWR-GARD® Fuse Datasheet
Rev: 4-C-080613
4 of 8
la30QS alTernaTe dimenSion SemiconducTor FuSeS
300 VAC • Very Fast-Acting • 35-4500 A
Description
Littelfuse LA30QS series Semiconductor protection fuses
are intended for the protection of Power Semiconductors
such as diodes, phase control SCR’s and other power
semiconductor devices. The LA30QS is recommended
for new applications providing solutions for your critical
protection needs for 300V and less semiconductors.
Specifications
Voltage Rating
AC: 300 V
DC: 300 V
Interrupting Rating
200 kA
Ampere Range
35 – 4500 A
Approvals
UL Recognized
Web Resources
For additional information, visit: littelfuse.com/la30qs
ampere
raTing
caTalog
number
mounTing
Type
maximum
clearing i2t
@300 Vac
(a2s x 103)
WaTTS loSS
@ raTed
currenT
(W)
35
LA30QS35-4
4
0.9
6.4
40
LA30QS40-4
4
1.2
7
50
LA30QS50-4
4
2
9.9
60
LA30QS60-4
4
2.7
11.6
70
LA30QS70-4
4
1.6
11
80
LA30QS80-4
4
2.6
11
90
LA30QS90-4
4
3.2
13
100
LA30QS100-4
4
4.1
13
100
LA30QS100-4TI
4TI
4.1
13
125
LA30QS125-4
4
6.3
16
130
LA30QS130-4
4
6.3
16
150
LA30QS150-4
4
9.3
19
150
LA30QS150-4TI
4TI
9.3
19
175
LA30QS175-4
4
10
27
200
LA30QS200-4
4
15
30
200
LA30QS200-4TI
4TI
15
30
225
LA30QS225-4
4
22
33
250
LA30QS250-4
4
25
41
250
LA30QS250-4TI
4TI
25
41
300
LA30QS300-4
4
37
47
300
LA30QS300-4TI
4TI
37
47
350
LA30QS350-4
4
62
49
400
LA30QS400-4
4
83
56
400
LA30QS400-4IL
4IL
83
56
400
LA30QS400-4TI
4TI
83
56
450
LA30QS450-4
4
130
53
ampere
raTing
caTalog
number
mounTing
Type
maximum
clearing i2t
@300 Vac
(a2s x 103)
WaTTS loSS
@ raTed
currenT
(W)
500
LA30QS500-4
4
160
59
550
LA30QS550-4
4
190
65
600
LA30QS600-4
4
230
69
600
LA30QS600-4TI
4TI
230
69
600
LA30QS600-4IL
4IL
230
69
700
LA30QS700-4
4
260
90
700
LA30QS700-128
128
260
73
800
LA30QS800-4
4
330
108
800
LA30QS800-4IL
4IL
330
108
800
LA30QS800-128
128
330
84
1000
LA30QS1000-128
128
460
105
1000
LA30QS1000-128IL
128IL
460
105
1200
LA30QS1200-128
128
880
110
1500
LA30QS1500-128
128
1400
140
1500
LA30QS1500-128IL
128IL
1400
140
1600
LA30QS1600-128
128
1690
150
2000
LA30QS2000-128
128
2600
190
2000
LA30QS2000-128IL
128IL
2600
190
2500
LA30QS2500-128
128
4000
230
2500
LA30QS2500-128IL
128IL
4000
230
3000
LA30QS3000-128
128
4700
340
3500
LA30QS3500-128
128
6500
380
3500
LA30QS3500-128IL
128IL
6500
380
4000
LA30QS4000-128
128
8600
450
4500
LA30QS4500-128
128
11000
500
Figure 1
Figure 2
Figure 3
Figure 4
Dimensions for reference only
.
ampere
raTing
mounTing
Type
Figure
no.
dimenSionS incheS (mm)
Tap
a
b
c
d
e
F
g
h
35 – 60
4
1
3.19 (81.0) 0.81 (20.6) 1.63 (41.4) 2.50 (63.5) 2.25 (57.5)
0.34 (8.6)
0.72 (18.3)
0.13 (3.3)
70 – 200
4
2
3.13 (79.5) 1.22 (31.0) 1.63 (41.4) 2.44 (62.0) 2.31 (58.7)
0.31 (7.9)
1.00 (25.4)
0.19 (4.8)
225 – 800
4, 4IL*
2
3.84 (97.5) 1.50 (38.1) 1.59 (40.1) 2.91 (73.9) 2.28 (57.9) 0.41 (10.4) 1.00 (25.4)
0.25 (6.4)
800 – 1200
128
3
2.59 (65.8) 3.00 (76.2) 2.34 (59.4) 2.50 (63.5) 1.50 (38.1)
3
8-24-12 deep
1500 – 2500
128, 128IL*
4
2.59 (65.8) 3.50 (88.9) 2.34 (59.4) 3.00 (76.2) 1.50 (38.1) 1.50 (38.1)
3
8-24-12 deep
3000 – 4500
128, 128IL*
4
2.59 (65.8) 4.50 (114) 2.34 (59.4) 3.75 (95.3) 1.50 (38.1) 1.50 (38.1)
1
2-20-12 deep
*Optional Trigger Actuator (IL). Optional Trigger Indicator (TI) see web for dimensions.
Dimensions
LA30QS Series


Numéro de pièce similaire - LA15QS450-4

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
LA15QS450-4 LITTELFUSE-LA15QS450-4 Datasheet
112Kb / 2P
   Special Purpose Fuses
LA15QS450-4 LITTELFUSE-LA15QS450-4 Datasheet
890Kb / 9P
   Traditional Semiconductor Fuses Very Fast-Acting 1 ??1200 Amperes
LA15QS450-4 LITTELFUSE-LA15QS450-4 Datasheet
113Kb / 2P
   LA15QS Semiconductor Fuses
2005
LA15QS450-4IL LITTELFUSE-LA15QS450-4IL Datasheet
112Kb / 2P
   Special Purpose Fuses
LA15QS450-4IL LITTELFUSE-LA15QS450-4IL Datasheet
890Kb / 9P
   Traditional Semiconductor Fuses Very Fast-Acting 1 ??1200 Amperes
More results

Description similaire - LA15QS450-4

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
L15S1 LITTELFUSE-L15S1 Datasheet
890Kb / 9P
   Traditional Semiconductor Fuses Very Fast-Acting 1 ??1200 Amperes
LSCR LITTELFUSE-LSCR Datasheet
310Kb / 4P
   Semiconductor Fuses
LA50QS250-4TI LITTELFUSE-LA50QS250-4TI Datasheet
375Kb / 2P
   LA50QS Semiconductor Fuses
logo
List of Unclassifed Man...
A60X ETC2-A60X Datasheet
435Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A150X ETC2-A150X Datasheet
511Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
   SEMICONDUCTOR PROTECTION FUSES
logo
Littelfuse
LA15QS400-4TI LITTELFUSE-LA15QS400-4TI Datasheet
393Kb / 2P
   LA15QS Semiconductor Fuses
logo
List of Unclassifed Man...
URGG ETC2-URGG Datasheet
347Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
logo
Littelfuse
LA15QS3004TI LITTELFUSE-LA15QS3004TI Datasheet
113Kb / 2P
   LA15QS Semiconductor Fuses
2005
LA70QS150-4 LITTELFUSE-LA70QS150-4 Datasheet
375Kb / 2P
   LA70QS Semiconductor Fuses
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com